Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 289 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 289 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 285Page - Cirrus Logic CS47L85 Datasheet HTML 286Page - Cirrus Logic CS47L85 Datasheet HTML 287Page - Cirrus Logic CS47L85 Datasheet HTML 288Page - Cirrus Logic CS47L85 Datasheet HTML 289Page - Cirrus Logic CS47L85 Datasheet HTML 290Page - Cirrus Logic CS47L85 Datasheet HTML 291Page - Cirrus Logic CS47L85 Datasheet HTML 292Page - Cirrus Logic CS47L85 Datasheet HTML 293Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 370 page
background image
CS47L85
Rev 4.3
289
SYSCLK AND ASYNCCLK CONTROL
The SYSCLK and ASYNCCLK clocks may be provided directly from external inputs (MCLK, or slave mode BCLK inputs).
Alternatively, the SYSCLK and ASYNCCLK clocks can be derived using the integrated FLL(s), with MCLK, BCLK, LRCLK
or SLIMCLK as a reference.
The required SYSCLK frequency is dependent on the SAMPLE_RATE_n registers. Table 103 illustrates the valid SYSCLK
frequencies for every supported sample rate.
The SYSCLK_FREQ and SYSCLK_FRAC registers are used to identify the applicable SYSCLK frequency. It is
recommended that the highest possible SYSCLK frequency is selected.
The chosen SYSCLK frequency must be valid for all of the SAMPLE_RATE_n registers. It follows that all of the
SAMPLE_RATE_n registers must select numerically-related values, i.e., all from the same cell as represented in Table 103.
Sample Rate
SAMPLE_RATE_
n
SYSCLK
Frequency
SYSCLK_FREQ
SYSCLK_FRAC
12kHz
24kHz
48kHz
96kHz
192kHz
8kHz
16kHz
32kHz
01h
02h
03h
04h
05h
11h
12h
13h
6.144MHz,
12.288MHz,
24.576MHz,
49.152MHz,
or
98.304MHz
000,
001,
010,
011,
or
100
0
11.025kHz
22.05kHz
44.1kHz
88.2kHz
176.4kHz
09h
0Ah
0Bh
0Ch
0Dh
5.6448MHz,
11.2896MHz,
22.5792MHz,
45.1584MHz,
or
90.3168MHz
000,
001,
010,
011,
or
100
1
Note that each of the SAMPLE_RATE_n registers must select a sample rate value from the same
group in the two lists above.
Table 103 SYSCLK Frequency Selection
The required ASYNCCLK frequency is dependent on the ASYNC_SAMPLE_RATE_n registers. Table 104 illustrates the
valid ASYNCCLK frequencies for every supported sample rate.
The ASYNC_CLK_FREQ register is used to identify the applicable ASYNCCLK frequency. It is recommended that the
highest possible ASYNCCLK frequency is selected.
Note that, if all the sample rates in the system are synchronised to SYSCLK, then the ASYNCCLK may not be required at
all. In this case, the ASYNCCLK should be disabled (see Table 105), and the associated register values are not important.
Sample Rate
ASYNC_SAMPLE_RATE_n
ASYNCCLK
Frequency
ASYNC_CLK_FREQ
12kHz
24kHz
48kHz
96kHz
192kHz
8kHz
16kHz
32kHz
01h
02h
03h
04h
05h
11h
12h
13h
6.144MHz,
12.288MHz,
24.576MHz,
49.152MHz
or
98.304MHz
000,
001,
010,
011
or
100
11.025kHz
22.05kHz
44.1kHz
88.2kHz
176.4kHz
09h
0Ah
0Bh
0Ch
0Dh
5.6448MHz,
11.2896MHz,
22.5792MHz,
45.1584MHz
or
90.3168MHz
000,
001,
010,
011
or
100
Note that each of the ASYNC_SAMPLE_RATE_n registers must select a sample rate value from
the same group in the two lists above.
Table 104 ASYNCCLK Frequency Selection
The CS47L85 supports automatic clocking configuration. The programmable dividers associated with the ADCs, DACs and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com