Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 293 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 293 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 289Page - Cirrus Logic CS47L85 Datasheet HTML 290Page - Cirrus Logic CS47L85 Datasheet HTML 291Page - Cirrus Logic CS47L85 Datasheet HTML 292Page - Cirrus Logic CS47L85 Datasheet HTML 293Page - Cirrus Logic CS47L85 Datasheet HTML 294Page - Cirrus Logic CS47L85 Datasheet HTML 295Page - Cirrus Logic CS47L85 Datasheet HTML 296Page - Cirrus Logic CS47L85 Datasheet HTML 297Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 370 page
background image
CS47L85
Rev 4.3
293
MCLK2
MCLK1
SYSCLK
SYSCLK_ENA
AIF1BCLK
AIF2BCLK
AIF3BCLK
CLK_32K_SRC
32k Clock
Divider
(Auto)
Divider
OPCLK
OPCLK_SEL
OPCLK_DIV
CLK_32K_ENA
OPCLK_ENA
Automatic Clocking Control
FLLn, AIFnLRCLK, and SLIMCLK can
also be selected as FLLn input reference.
SYSCLK_SRC
SYSCLK_FREQ [2:0]
SYSCLK_FRAC
SAMPLE_RATE_1 [4:0]
SAMPLE_RATE_2 [4:0]
SAMPLE_RATE_3 [4:0]
ASYNC_CLK_FREQ [2:0]
ASYNC_SAMPLE_RATE_1 [4:0]
ASYNC_SAMPLE_RATE_2 [4:0]
DSP_CLK_FREQ_RANGE [2:0]
AIF4BCLK
FLL1_REFCLK_SRC
FLL2_REFCLK_SRC
Divider
FLL1_GPCLK_DIV
GPIO
FLL1_GPCLK_ENA
Divider
GPIO
FLL2_GPCLK_DIV
FLL2_GPCLK_ENA
DSPCLK
FLL3_REFCLK_SRC
Divider
GPIO
FLL3_GPCLK_DIV
FLL3_GPCLK_ENA
FLL1
FLL2
FLL3
ASYNC_CLK_ENA
ASYNCCLK
Divider
OPCLK_ASYNC
OPCLK_ASYNC_SEL
OPCLK_ASYNC_DIV
OPCLK_ASYNC_ENA
ASYNC_CLK_SRC
Divide
by 3
Divide
by 3
Divide
by 3
Divide
by 2
Divide
by 2
Divide
by 2
DSP_CLK_ENA
DSP_CLK_SRC
Divide
by 6
Figure 74 System Clocking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com