Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 286 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 286 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 282Page - Cirrus Logic CS47L85 Datasheet HTML 283Page - Cirrus Logic CS47L85 Datasheet HTML 284Page - Cirrus Logic CS47L85 Datasheet HTML 285Page - Cirrus Logic CS47L85 Datasheet HTML 286Page - Cirrus Logic CS47L85 Datasheet HTML 287Page - Cirrus Logic CS47L85 Datasheet HTML 288Page - Cirrus Logic CS47L85 Datasheet HTML 289Page - Cirrus Logic CS47L85 Datasheet HTML 290Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 370 page
background image
CS47L85
286
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6557
(199Dh)
IRQ2_Raw
_Status_30
6
DSP7_BUSY_ST
S2
0
DSPn Busy status
0 = DSP Idle
1 = DSP Busy
5
DSP6_BUSY_ST
S2
0
4
DSP5_BUSY_ST
S2
0
3
DSP4_BUSY_ST
S2
0
2
DSP3_BUSY_ST
S2
0
1
DSP2_BUSY_ST
S2
0
0
DSP1_BUSY_ST
S2
0
Table 101 Interrupt 2 Control Registers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6784
(1A80h)
IRQ1_CTR
L
11
IM_IRQ1
0
IRQ1 Output Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
10
IRQ_POL
1
IRQ Output Polarity Select
0 = Non-inverted (Active High)
1 = Inverted (Active Low)
9
IRQ_OP_CFG
0
IRQ Output Configuration
0 = CMOS
1 = Open Drain
R6786
(1A82h)
IRQ2_CTR
L
11
IM_IRQ2
0
IRQ2 Output Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
R6816
(1AA0h)
Interrupt_R
aw_Status_
1
1
IRQ2_STS
0
IRQ2 Status
IRQ2_STS is the logical ‘OR’ of all
unmasked _EINT2 interrupts.
0 = Not asserted
1 = Asserted
0
IRQ1_STS
0
IRQ1 Status
IRQ1_STS is the logical ‘OR’ of all
unmasked _EINT1 interrupts.
0 = Not asserted
1 = Asserted
Table 102 Interrupt Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com