Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 288 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 288 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 284Page - Cirrus Logic CS47L85 Datasheet HTML 285Page - Cirrus Logic CS47L85 Datasheet HTML 286Page - Cirrus Logic CS47L85 Datasheet HTML 287Page - Cirrus Logic CS47L85 Datasheet HTML 288Page - Cirrus Logic CS47L85 Datasheet HTML 289Page - Cirrus Logic CS47L85 Datasheet HTML 290Page - Cirrus Logic CS47L85 Datasheet HTML 291Page - Cirrus Logic CS47L85 Datasheet HTML 292Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 370 page
background image
CS47L85
288
Rev 4.3
There are some restrictions to be observed regarding the sample rate control configuration, as noted below:
The input (ADC / Digital Microphone) and output (DAC) signal paths must always be associated with the SYSCLK
clocking domain.
All external clock references (MCLK input or Slave mode AIF input) must be within 1% of the applicable register
setting(s).
The input (ADC / DMIC) sample rate is valid from 8kHz to 192kHz. If 384kHz or 768kHz DMIC clock rate is
selected on any of the input paths, then the supported sample rate is valid only up to 48kHz or 96kHz respectively.
The S/PDIF sample rate is valid from 32kHz to 192kHz.
The Asynchronous Sample Rate Converters (ASRCs) support sample rates 8kHz to 192kHz. For each ASRC, the
ratio of the two sample rates must not exceed 6.
The Isochronous Sample Rate Converters (ISRCs) support sample rates 8kHz to 192kHz. For each ISRC, the
higher sample rate must be an integer multiple of the lower rate.
AUTOMATIC SAMPLE RATE DETECTION
The CS47L85 supports automatic sample rate detection on the digital audio interfaces (AIF1, AIF2, AIF3 and AIF4). Note
that this is only possible when the respective interface is operating in Slave mode (i.e., when LRCLK and BCLK are inputs
to the CS47L85).
Automatic sample rate detection is enabled using the RATE_EST_ENA register bit. The LRCLK input pin selected for sample
rate detection is set using the LRCLK_SRC register.
Up to four audio sample rates can be configured for automatic detection; these sample rates are selected using the
SAMPLE_RATE_DETECT_n registers. Note that the function will only detect sample rates that match one of the
SAMPLE_RATE_DETECT_n registers.
If one of the selected audio sample rates is detected on the selected LRCLK input, then a Control Write Sequence will be
triggered. A unique sequence of actions may be programmed for each of the detected sample rates. Note that the applicable
control sequences must be programmed by the user for each detection outcome. See “Control Write Sequencer” for further
details.
The TRIG_ON_STARTUP register controls whether the sample rate detection circuit responds to the initial detection of the
applicable interface (i.e., when the AIFn interface starts up).
When TRIG_ON_STARTUP=0, then the detection circuit will only respond (i.e., trigger the Control Write Sequencer) to a
change in the detected sample rate -
the initial sample rate detection will be ignored. (Note that the ‘initial sample rate
detection’ is the first detection of a sample rate that matches one of the SAMPLE_RATE_DETECT_n registers.)
When TRIG_ON_STARTUP=1, then the detection circuit will trigger the Control Write Sequencer whenever a selected
sample rate is detected, including when the AIF interface starts up, or when the sample rate detection is first enabled.
As described above, setting TRIG_ON_STARTUP=0 is designed to inhibit any response to the initial detection of a sample
rate that matches one of the SAMPLE_RATE_DETECT_n registers. Note that, if the LRCLK_SRC setting is changed, or if
the detection function is disabled and re-enabled, then a subsequent detection of a matching sample rate may trigger the
Control Write Sequencer, regardless of the TRIG_ON_STARTUP setting.
There are some restrictions to be observed regarding the automatic sample rate detection, as noted below:
The same sample rate must not be selected on more than one of the SAMPLE_RATE_DETECT_n registers.
Sample rates 192kHz and 176.4kHz must not be selected concurrently.
Sample rates 96kHz and 88.2kHz must not be selected concurrently.
The control registers associated with the automatic sample rate detection function are described in Table 105.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com