Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 28Page - Texas Instruments TLV9022 Datasheet HTML 29Page - Texas Instruments TLV9022 Datasheet HTML 30Page - Texas Instruments TLV9022 Datasheet HTML 31Page - Texas Instruments TLV9022 Datasheet HTML 32Page - Texas Instruments TLV9022 Datasheet HTML 33Page - Texas Instruments TLV9022 Datasheet HTML 34Page - Texas Instruments TLV9022 Datasheet HTML 35Page - Texas Instruments TLV9022 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
8.2.7 Bi-Stable Multivibrator
+
±
R3
100 NŸ
R1
100 NŸ
+V
SET
S
R
+V
R2
100 NŸ
RESET
R4
50 NŸ
Figure 8-16. Bi-Stable Multivibrator
A bi-stable multivibrator has two stable states. The reference voltage is set up by the voltage divider of R2 and
R3. A pulse applied to the SET terminal will switch the output of the comparator high. The resistor divider of R1,
R4, and R5 now clamps the non-inverting input to a voltage greater than the reference voltage. A pulse applied to
RESET will now toggle the output low.
8.2.8 Zero Crossing Detector
R4
100 NŸ
R1
5 NŸ
+V
R2
5 NŸ
VIN
R4
20 0Ÿ
+
±
R5
10 NŸ
R3
100 NŸ
D1
BAT54
VOUT
V1
V2
V3
R1 = R2 = (R5 / 2)
Figure 8-17. Zero Crossing Detector
A voltage divider of R4 and R5 establishes a reference voltage V1 at the non-inverting input. By making the
series resistance of R1 and R2 equal to R5, the comparator will switch when VIN = 0. Diode D1 insures that
V3 clamps near ground. The voltage divider of R2 and R3 then prevents V2 from going below ground. A small
amount of hysteresis is setup to ensure rapid output voltage transitions.
8.2.9 Pulse Slicer
A Pulse Slicer is a variation of the Zero Crossing Detector and is used to detect the zero crossings on an input
signal with a varying baseline level. This circuit works best with symmetrical waveforms. The RC network of R1
and C1 establishes an mean reference voltage VREF, which tracks the mean amplitude of the VIN signal. The
noninverting input is directly connected to VREF through R2. R2 and R3 are used to produce hysteresis to keep
transitions free of spurious toggles. The time constant is a tradeoff between long-term symmetry and response
time to changes in amplitude.
When the waveform is data, TI recommends that the data be encoded in NRZ (Non-Return to Zero) format
to maintain proper average baseline. Asymmetrical inputs may suffer from timing distortions caused by the
changing VREF average voltage.
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com