Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 23Page - Texas Instruments TLV9022 Datasheet HTML 24Page - Texas Instruments TLV9022 Datasheet HTML 25Page - Texas Instruments TLV9022 Datasheet HTML 26Page - Texas Instruments TLV9022 Datasheet HTML 27Page - Texas Instruments TLV9022 Datasheet HTML 28Page - Texas Instruments TLV9022 Datasheet HTML 29Page - Texas Instruments TLV9022 Datasheet HTML 30Page - Texas Instruments TLV9022 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
+
±
Micro-
Controller
+
3.3 V
Sensor
R1
10 0Ÿ
RPU
UV_OV
±
Open Drain Output Only!
VTH-
VTH+
VIN
Low when VIN < VTH-
Open Drain Output Only!
Output high
when VIN is
within window
R3
10 0Ÿ
R2
10 0Ÿ
Low when VIN > VTH+
Figure 8-7. Window Comparator
8.2.1.1 Design Requirements
For this design, follow these design requirements:
• Alert (logic low output) when an input signal is less than 1.1 V
• Alert (logic low output) when an input signal is greater than 2.2 V
• Alert signal is active low
• Operate from a 3.3-V power supply
8.2.1.2 Detailed Design Procedure
Configure the circuit as shown in Figure 8-7. Connect VCC to a 3.3-V power supply and VEE to ground. Make R1,
R2 and R3 each 10-MΩ resistors. These three resistors are used to create the positive and negative thresholds
for the window comparator (VTH+ and VTH–).
With each resistor being equal, VTH+ is 2.2 V and VTH- is 1.1 V. Large resistor values such as 10-MΩ are used to
minimize power consumption. The resistor values may be recalculated to provide the desired trip point values.
The sensor output voltage is applied to the inverting and noninverting inputs of the two comparators. Using two
open-drain output comparators allows the two comparator outputs to be Wire-OR'ed together.
The respective comparator outputs will be low when the sensor is less than 1.1 V or greater than 2.2 V.
The respective comparator outputs will be high when the sensor is in the range of 1.1 V to 2.2 V (within the
"window"), as shown in Figure 8-8.
8.2.1.3 Application Curve
VTH+ = 2.2 V
VTH± = 1.1 V
VIN
OUT
Figure 8-8. Window Comparator Results
For more information, please see Application note SBOA221 "Window comparator circuit".
www.ti.com
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com