Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 9Page - Texas Instruments TLV9022 Datasheet HTML 10Page - Texas Instruments TLV9022 Datasheet HTML 11Page - Texas Instruments TLV9022 Datasheet HTML 12Page - Texas Instruments TLV9022 Datasheet HTML 13Page - Texas Instruments TLV9022 Datasheet HTML 14Page - Texas Instruments TLV9022 Datasheet HTML 15Page - Texas Instruments TLV9022 Datasheet HTML 16Page - Texas Instruments TLV9022 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
6.11 Switching Characteristics, TLV90x4
For VS (Total Supply Voltage) = (V+) – (V–) = 5 V, VCM = VS / 2, CL = 15 pF at TA = 25°C (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
TPD-HL
Propagation delay time, high-
to-low
VID = –100 mV; Delay from mid-point of
input to mid-point of output (RP = 2.5 KΩ
for open drain only)
100
ns
TPD-LH
Propagation delay time, low-to-
high
VID = 100 mV; Delay from mid-point of
input to mid-point of output (for push-pull
only)
115
ns
TPD-LH
Propagation delay time, low-to-
high
VID = 100 mV; Delay from mid-point of
input to mid-point of output (RP = 2.5 KΩ
for open drain only)
150
ns
TFALL
5V Output Fall Time, 80% to
20%
VID = –100 mV
3
ns
TRISE
5V Output Rise Time, 20% to
80%
VID = 100 mV, for push-pull only
3
ns
FTOGGLE
5V, Toggle Frequency
VID = 100 mV (RP = 2.5 KΩ for open drain
only)
3
MHz
POWER ON TIME
PON
Power on-time
VS = 1.8 V and 5 V, VCM = (V–), VID = –0.1
V, VPULL-UP = VS / 2, Delay from VS / 2 to
VOUT = 0.1 x VS / 2 (RP = 2.5 KΩ for open
drain only)
30
µs
www.ti.com
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com