Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 18Page - Texas Instruments TLV9022 Datasheet HTML 19Page - Texas Instruments TLV9022 Datasheet HTML 20Page - Texas Instruments TLV9022 Datasheet HTML 21Page - Texas Instruments TLV9022 Datasheet HTML 22Page - Texas Instruments TLV9022 Datasheet HTML 23Page - Texas Instruments TLV9022 Datasheet HTML 24Page - Texas Instruments TLV9022 Datasheet HTML 25Page - Texas Instruments TLV9022 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
2. When IN- is higher than the specified input voltage range and IN+ is within the specified voltage range, the
output is low.
3. When IN+ is higher than the specified input voltage range and IN- is within the specified input voltage range,
the output is high
4. When IN- and IN+ are both outside the specified input voltage range, the output is indeterminate (random).
Do not operate in this region.
Even with the fault tolerant feature, TI strongly recommends keeping the inputs within the specified input voltage
range during normal system operation to maintain datasheet specifications. Operating outside the specified input
range can cause changes in specifications such as propagation delay and input bias current, which can lead to
unpredictable behavior.
7.4.3.3 Input Protection
The input bias current is typically 5 pA for input voltages between V+ and V-. The comparator inputs are
protected from reverse voltage by the internal ESD diodes connected to V-. As the input voltage goes under
V-, or above the input Absolute Maximum ratings the protection diodes become forward biased and begin to
conduct causing the input bias current to increase exponentially. Input bias current typically doubles for each
10°C temperature increase.
If the inputs are to be connected to a low impedance source, such as a power supply or buffered reference line,
TI recommends adding a current-limiting resistor in series with the input to limit any transient currents should the
clamps conduct. The current should be limited 10 mA or less. This series resistance can be part of any resistive
input dividers or networks.
7.4.4 ESD Protection
The TLV90xx family incorporates internal ESD protection circuits on all pins. The inputs, and the open-drain
output, use a proprietary "snapback" type ESD clamp from each pin to V-, which allows the pins to exceed the
supply voltage (V+). While shown as Zener diodes, snapback "short" and go low impedance (like an SCR) when
the threshold is exceeded, as opposed to clamping to a defined voltage like a Zener.
The TLV902x open-drain output protection also consists of a ESD clamp between the output and V- to allow the
output to be pulled above V+ to a maximum of 5.5V.
The TLV903x push-pull output protection consists of a ESD clamp between the output and V-, but also includes
a ESD diode clamp to V+, as the output must not exceed the supply rails.
If the inputs are to be connected to a low impedance source, such as a power supply or buffered reference line,
TI recommends adding a current-limiting resistor in series with the input to limit any transient currents must the
clamps conduct. The current must be limited 10 mA or less. This series resistance can be part of any resistive
input dividers or networks. TI does not specify the performance of the ESD clamps and external clamping must
be added if the inputs or output could exceed the maximum ratings as part of normal operation.
7.4.5 Unused Inputs
If a channel is not to be used, DO NOT tie the inputs together. Due to the high equivalent bandwidth and low
offset voltage, tying the inputs directly together can cause high frequency oscillations as the device triggers on
it's own internal wideband noise. Instead, the inputs must be tied to any available voltage that resides within the
specified input voltage range and provides a minimum of 50mV differential voltage. For example, one input can
be grounded and the other input connected to a reference voltage, or even V+ as long as the input is directly
connected to the V+ pin to avoid transients).
7.4.6 Hysteresis
The TLV90xx family does not have internal hysteresis. Due to the wide effective bandwidth and low input offset
voltage, it is possible for the output to "chatter" (oscillate) when the absolute differential voltage near zero as the
comparator triggers on it's own internal wideband noise. This is normal comparator behavior and is expected. TI
recommends that the user add external hysteresis if slow moving signals are expected. See Section 8.1.2 in the
following section.
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com