Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 2Page - Texas Instruments TLV9022 Datasheet HTML 3Page - Texas Instruments TLV9022 Datasheet HTML 4Page - Texas Instruments TLV9022 Datasheet HTML 5Page - Texas Instruments TLV9022 Datasheet HTML 6Page - Texas Instruments TLV9022 Datasheet HTML 7Page - Texas Instruments TLV9022 Datasheet HTML 8Page - Texas Instruments TLV9022 Datasheet HTML 9Page - Texas Instruments TLV9022 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage: VS = (V+) – (V–)
–0.3
6
V
Input pins (IN+, IN–) from V–(2)
–0.3
6
V
Current into Input pins (IN+, IN–)
–10
10
mA
Output (OUT) from V–, open drain
only(3)
–0.3
6
V
Output (OUT) from V–, push-pull only
–0.3
(V+) + 0.3
V
Output short circuit duration(4)
10
s
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Input terminals are diode-clamped to (V–). Input signals that can swing more than 0.3 V beyond the supply rails must be current-limited
to 10 mA or less. Additionally, Inputs (IN+, IN–) can be greater than V+ and OUT as long as it is within the –0.3 V to 6 V range
(3)
Output (OUT) for open drain can be greater than V+ and inputs (IN+, IN–) as long as it is within the –0.3 V to 6 V range
(4)
Short-circuit to V– or V+. Short circuits from outputs can cause excessive heating and eventual destruction.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage: VS = (V+) – (V–)
1.65
5.5
V
Input voltage range (IN+, IN–) from (V–)
–0.2
5.7
V
Ambient temperature, TA
–40
125
°C
Thermal Information, TLV90x0,TLV90x1
THERMAL METRIC (1)
TLV90x0,TLV90x1
UNIT
DCK
(SC-70)
DBV
(SOT-23)
5 PINS
5 PINS
RqJA
Junction-to-ambient thermal resistance
238.5
223.7
°C/W
RqJC(top)
Junction-to-case (top) thermal resistance
134.0
123.2
°C/W
RqJB
Junction-to-board thermal resistance
87.6
91.4
°C/W
yJT
Junction-to-top characterization parameter
59.1
58.7
°C/W
yJB
Junction-to-board characterization parameter
87.2
91.0
°C/W
RqJC(bot)
Junction-to-case (bottom) thermal resistance
–
–
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com