Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 19Page - Texas Instruments TLV9022 Datasheet HTML 20Page - Texas Instruments TLV9022 Datasheet HTML 21Page - Texas Instruments TLV9022 Datasheet HTML 22Page - Texas Instruments TLV9022 Datasheet HTML 23Page - Texas Instruments TLV9022 Datasheet HTML 24Page - Texas Instruments TLV9022 Datasheet HTML 25Page - Texas Instruments TLV9022 Datasheet HTML 26Page - Texas Instruments TLV9022 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Basic Comparator Definitions
8.1.1.1 Operation
The basic comparator compares the input voltage (VIN) on one input to a reference voltage (VREF) on the other
input. In the Figure 8-1 example below, if VIN is less than VREF, the output voltage (VO) is logic low (VOL). If VIN
is greater than VREF, the output voltage (VO) is at logic high (VOH). Table 8-1 summarizes the output conditions.
The output logic can be inverted by simply swapping the input pins.
Table 8-1. Output Conditions
Inputs Condition
Output
IN+ > IN-
HIGH (VOH)
IN+ = IN-
Indeterminate (chatters - see Hysteresis)
IN+ < IN-
LOW (VOL)
8.1.1.2 Propagation Delay
There is a delay between from when the input crosses the reference voltage and the output responds. This
is called the Propagation Delay. Propagation delay can be different between high-to low and low-to-high input
transitions. This is shown as tpLH and tpHL in Figure 8-1 and is measured from the mid-point of the input to the
midpoint of the output.
20%
80%
20%
80%
VREF
VREF + 100mV
VREF 5 100mV
50%
50%
tpLH
tpHL
tF
tR
Input
Output
+
±
+
±
VREF
VIN
Output
VOL
VOH
V+
GND
VOD (+200mV)
VIN
VREF + 200mV
VREF - 200mV
VOD (-200mV)
Figure 8-1. Comparator Timing Diagram
www.ti.com
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com