Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 30Page - Texas Instruments TLV9022 Datasheet HTML 31Page - Texas Instruments TLV9022 Datasheet HTML 32Page - Texas Instruments TLV9022 Datasheet HTML 33Page - Texas Instruments TLV9022 Datasheet HTML 34Page - Texas Instruments TLV9022 Datasheet HTML 35Page - Texas Instruments TLV9022 Datasheet HTML 36Page - Texas Instruments TLV9022 Datasheet HTML 37Page - Texas Instruments TLV9022 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
9 Layout
9.1 Layout Guidelines
For accurate comparator applications it is important maintain a stable power supply with minimized noise and
glitches. Output rise and fall times are in the tens of nanoseconds, and must be treated as high speed logic
devices. The bypass capacitor must be as close to the supply pin as possible and connected to a solid ground
plane, and preferably directly between the VCC and GND pins.
Minimize coupling between outputs and inputs to prevent output oscillations. Do not run output and input traces
in parallel unless there is a VCC or GND trace between output to reduce coupling. When series resistance is
added to inputs, place resistor close to the device. A low value (<100 ohms) resistor may also be added in series
with the output to dampen any ringing or reflections on long, non-impedance controlled traces. For best edge
shapes, controlled impedance traces with back-terminations must be used when routing long distances.
9.2 Layout Example
VCC
Ground
6
5
7
1
2
3
4
8
Ground
PF
1IN-
1IN+
GND
2OUT
2IN-
2IN+
1OUT
VCC
OK
VCC or GND
Better
Input Resistors
Close to device
Figure 9-1. Dual Layout Example
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com