Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 13Page - Texas Instruments TLV9022 Datasheet HTML 14Page - Texas Instruments TLV9022 Datasheet HTML 15Page - Texas Instruments TLV9022 Datasheet HTML 16Page - Texas Instruments TLV9022 Datasheet HTML 17Page - Texas Instruments TLV9022 Datasheet HTML 18Page - Texas Instruments TLV9022 Datasheet HTML 19Page - Texas Instruments TLV9022 Datasheet HTML 20Page - Texas Instruments TLV9022 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
6.12 Typical Characteristics (continued)
TA = 25°C, VS = 5 V, RPULLUP = 2.5k, CL = 15 pF, VCM = 0 V, VUNDERDRIVE = 100 mV, VOVERDRIVE = 100 mV unless otherwise
noted.
Input Overdrive (mV)
5 6 7 8 10
20
30 4050 70 100
200 300 500
1000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
VS = 1.8V
-40°C
25°C
85°C
125°C
Figure 6-17. Propagation Delay, High to Low, 1.8V
Input Overdrive (mV)
5 6 7 8 10
20
30 4050 70 100
200 300 500
1000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
VS = 1.8V
-40°C
25°C
85°C
125°C
Figure 6-18. Propagation Delay, Low to High, 1.8V
Input Overdrive (mV)
5 6 7 8 10
20
30 4050 70 100
200 300 500
1000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
VS = 3.3V
125°C
85°C
25°C
-40°C
Figure 6-19. Propagation Delay, High to Low, 3.3V
Input Overdrive (mV)
5 6 7 8 10
20
30 4050 70 100
200 300 500
1000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
VS = 3.3V
-40°C
25°C
85°C
125°C
Figure 6-20. Propagation Delay, Low to High, 3.3V
Input Overdrive (mV)
5 6 7 8 10
20
30 4050 70 100
200 300 500
1000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
VS = 5V
-40°C
25°C
85°C
125°C
Figure 6-21. Propagation Delay, High to Low, 5V
Input Overdrive (mV)
5 6 7 8 10
20
30 4050 70 100
200 300 500
1000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
VS = 5V
-40°C
25°C
85°C
125°C
Figure 6-22. Propagation Delay, Low to High, 5V
www.ti.com
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com