Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 20Page - Texas Instruments TLV9022 Datasheet HTML 21Page - Texas Instruments TLV9022 Datasheet HTML 22Page - Texas Instruments TLV9022 Datasheet HTML 23Page - Texas Instruments TLV9022 Datasheet HTML 24Page - Texas Instruments TLV9022 Datasheet HTML 25Page - Texas Instruments TLV9022 Datasheet HTML 26Page - Texas Instruments TLV9022 Datasheet HTML 27Page - Texas Instruments TLV9022 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
8.1.1.3 Overdrive Voltage
The overdrive voltage, VOD, is the amount of input voltage beyond the reference voltage (and not the total input
peak-to-peak voltage). The overdrive voltage is 100mV as shown in the Figure 8-1 example. The overdrive
voltage can influence the propagation delay (tp). The smaller the overdrive voltage, the longer the propagation
delay, particularly when <100mV. If the fastest speeds are desired, it is recommended to apply the highest
amount of overdrive possible.
The risetime (tr) and falltime (tf) is the time from the 20% and 80% points of the output waveform.
8.1.2 Hysteresis
The basic comparator configuration may oscillate or produce a noisy "chatter" output if the applied differential
input voltage is near the comparator's offset voltage. This usually occurs when the input signal is moving very
slowly across the switching threshold of the comparator.
This problem can be prevented by the addition of hysteresis or positive feedback.
The hysteresis transfer curve is shown in Figure 8-2. This curve is a function of three components: VTH, VOS,
and VHYST:
• VTH is the actual set voltage or threshold trip voltage.
• VOS is the internal offset voltage between VIN+ and VIN–. This voltage is added to VTH to form the actual trip
point at which the comparator must respond to change output states.
• VHYST is the hysteresis (or trip window) that is designed to reduce comparator sensitivity to noise.
VTH + VOS ± (VHYST / 2)
VTH + VOS + (VHYST / 2)
VTH + VOS
Figure 8-2. Hysteresis Transfer Curve
For more information, please see Application Note SBOA219 "Comparator with and without hysteresis circuit".
8.1.2.1 Inverting Comparator With Hysteresis
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (V+), as shown in Figure 8-3.
R1
1 0Ÿ
+VCC
+5 V
VIN
R3
1 0Ÿ
+
±
R2
1 0Ÿ
VO
VA
5 V
0 V
VA2
VA1
VO
1.67 V
3.33 V
VIN
Figure 8-3. TLV903xin an Inverting Configuration With Hysteresis
The equivalent resistor networks when the output is high and low are shown in Figure 8-3.
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com