Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 24Page - Texas Instruments TLV9022 Datasheet HTML 25Page - Texas Instruments TLV9022 Datasheet HTML 26Page - Texas Instruments TLV9022 Datasheet HTML 27Page - Texas Instruments TLV9022 Datasheet HTML 28Page - Texas Instruments TLV9022 Datasheet HTML 29Page - Texas Instruments TLV9022 Datasheet HTML 30Page - Texas Instruments TLV9022 Datasheet HTML 31Page - Texas Instruments TLV9022 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
8.2.2 Square-Wave Oscillator
Square-wave oscillator can be used as low cost timing reference or system supervisory clock source. A push-
pull output (TLV903x) is recommended for best symmetry.
C1
100 pF
+
±
R1
100 kŸ
VCC
R2
100 kŸ
OUT
VA
VC
t1
t2
0
V
+
R3
100 kŸ
R4
100 kŸ
Figure 8-9. Square-Wave Oscillator
8.2.2.1 Design Requirements
The square-wave period is determined by the RC time constant of the capacitor C1 and resistor R4. The
maximum frequency is limited by propagation delay of the device and the capacitance load at the output.
The low input bias current allows a lower capacitor value and larger resistor value combination for a given
oscillator frequency, which may help to reduce BOM cost and board space. R4 must be over several kilo-ohms
to minimize loading the output.
8.2.2.2 Detailed Design Procedure
The oscillation frequency is determined by the resistor and capacitor values. The following calculation provides
details of the steps.
Figure 8-10. Square-Wave Oscillator Timing Thresholds
First consider the output of Figure Figure 8-9 as high, which indicates the inverted input VC is lower than the
noninverting input (VA). This causes the C1 to be charged through R4, and the voltage VC increases until it is
equal to the noninverting input. The value of VA at the point is calculated by Equation 7.
CC
2
A1
2
1
3
V
R
V
R
R I IR
u
(7)
if R1 = R2= R3, then VA1 = 2 VCC/ 3
At this time the comparator output trips pulling down the output to the negative rail. The value of VAat this point is
calculated by Equation 8.
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com