Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 3 Page - Texas Instruments

  TLV9022 Datasheet HTML 1Page - Texas Instruments TLV9022 Datasheet HTML 2Page - Texas Instruments TLV9022 Datasheet HTML 3Page - Texas Instruments TLV9022 Datasheet HTML 4Page - Texas Instruments TLV9022 Datasheet HTML 5Page - Texas Instruments TLV9022 Datasheet HTML 6Page - Texas Instruments TLV9022 Datasheet HTML 7Page - Texas Instruments TLV9022 Datasheet HTML 8Page - Texas Instruments TLV9022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
5 Pin Configuration and Functions
5.1 Pin Functions: TLV90x0 and TLV90x1 Single
1
2
3
4
5
OUT
V+
IN-
IN+
V-
+
Figure 5-1. TLV9020, TLV9030 DCK and DBV Packages
Standard "South East" Pinout
5-Pin SC-70 and SOT-23
Top View
1
2
3
4
5
IN-
V+
IN+
OUT
V-
Figure 5-2. TLV9021, TLV9031 DCK and DBV Packages
Standard "North West" Pinout
5-Pin SC-70 and SOT-23
Top View
Table 5-1. Pin Functions: TLV90x0 and TLV90x1
PIN
TYPE
DESCRIPTION
TLV90x0
TLV90x1
NAME
NO.
NO.
IN+
1
3
I
Non-Inverting (Positive) Input
IN–
3
4
I
Inverting (Negative) Input
OUT
4
1
O
Output
V+
5
5
—
Positive Power Supply
V-
2
2
—
Negative Power Supply
www.ti.com
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com