Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 25Page - Texas Instruments TLV9022 Datasheet HTML 26Page - Texas Instruments TLV9022 Datasheet HTML 27Page - Texas Instruments TLV9022 Datasheet HTML 28Page - Texas Instruments TLV9022 Datasheet HTML 29Page - Texas Instruments TLV9022 Datasheet HTML 30Page - Texas Instruments TLV9022 Datasheet HTML 31Page - Texas Instruments TLV9022 Datasheet HTML 32Page - Texas Instruments TLV9022 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
CC
2
3
A 2
1
2
3
V
(R IIR )
V
R + R IIR
(8)
if R1 = R2 = R3, then VA2 = VCC/3
The C1 now discharges though the R4, and the voltage VCC decreases until it reaches VA2. At this point, the
output switches back to the starting state. The oscillation period equals to the time duration from for C1 from
2VCC/3 to VCC / 3 then back to 2VCC/3, which is given by R4C1 × ln 2 for each trip. Therefore, the total time
duration is calculated as 2 R4C1 × ln 2.
The oscillation frequency can be obtained by Equation 9:
f
1 / 2 R 4
C1 I n2
u
u
(9)
8.2.2.3 Application Curve
Figure 8-11 shows the simulated results of an oscillator using the following component values:
• R1 = R2 = R3 = R4 = 100 kΩ
• C1 = 100 pF, CL = 20 pF
• V+ = 5 V, V– = GND
• Cstray (not shown) from VA TO GND = 10 pF
Figure 8-11. Square-Wave Oscillator Output Waveform
8.2.3 Adjustable Pulse Width Generator
Figure 8-12 is a variation on the square wave oscillator that allows adjusting the pulse widths.
R4 and R5 provide separate charge and discharge paths for the capacitor C depending on the output state.
www.ti.com
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com