Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 4Page - Texas Instruments TLV9022 Datasheet HTML 5Page - Texas Instruments TLV9022 Datasheet HTML 6Page - Texas Instruments TLV9022 Datasheet HTML 7Page - Texas Instruments TLV9022 Datasheet HTML 8Page - Texas Instruments TLV9022 Datasheet HTML 9Page - Texas Instruments TLV9022 Datasheet HTML 10Page - Texas Instruments TLV9022 Datasheet HTML 11Page - Texas Instruments TLV9022 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
6.6 Electrical Characteristics, TLV90x0,TLV90x1
For VS (Total Supply Voltage) = (V+) – (V–) = 5 V, VCM = (V–) at TA = 25°C (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 1.8 V and 5 Vx
–1.5
±0.3
1.5
mV
VOS
Input offset voltage
VS = 1.8 V and 5 V, TA = –40°C to +125°C
–2
2
dVIO/dT
Input offset voltage drift VS = 1.8 V and 5 V, TA = –40°C to +125°C
±0.5
µV/°C
POWER SUPPLY
IQ
Quiescent current
VS = 1.8 V and 5 V, No Load, Output Low
17.1
30
µA
IQ
Quiescent current
VS = 1.8 V and 5 V, No Load, Output Low, TA =
–40°C to +125°C
35
PSRR
Power-supply
rejection ratio
VS = 1.8 V to 5 V, TA = –40°C to +125°C
(push-pull verison)
75
95
dB
PSRR
Power-supply rejection
ratio
VS = 1.8 V to 5 V, TA = –40°C to +125°C
(open drain version)
80
95
dB
INPUT BIAS CURRENT
IB
Input bias current
VCM = VS/2
5
pA
IOS
Input offset current
VCM = VS/2
1
pA
INPUT CAPACITANCE
CID
Input Capacitance,
Differential
VCM = VS/2
2
pF
CIC
Input Capacitance,
Common Mode
VCM = VS/2
3
pF
INPUT VOLTAGE RANGE
VCM-Range
Common-mode voltage
range
VS = 1.8 V and 5 V, TA = –40°C to +125°C
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common-mode
rejection ratio
VS = 5 V, (V–) – 0.2 V < VCM < (V+) + 0.2 V, TA
= –40°C to +125°C
60
70
dB
CMRR
Common-mode
rejection ratio
VS = 1.8 V, (V–) – 0.2 V < VCM < (V+) + 0.2 V,
TA = –40°C to +125°C
50
60
dB
OPEN-LOOP GAIN
AVD
Large signal differential
voltage amplification
For open drain version only
50
200
V/mV
OUTPUT
VOL
Voltage swing from (V–) ISINK = 4 mA, TA = 25°C
75
125
mV
VOL
Voltage swing from (V–) ISINK = 4 mA, TA = –40°C to +125°C
175
mV
VOH
Voltage swing from (V+) ISOURCE = 4 mA, TA = 25°C (push-pull only)
75
125
mV
VOH
Voltage swing from (V+)
ISOURCE = 4 mA, TA = –40°C to +125°C (push-
pull only)
175
mV
ILKG
Open-drain output
leakage current
VPULLUP = (V+), TA = 25°C (open drain only)
100
pA
ISC
Short-circuit current
VS = 5 V, Sinking
90
100
mA
ISC
Short-circuit current
VS = 5 V, Sourcing (push-pull only)
90
100
mA
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com