Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 12Page - Texas Instruments TLV9022 Datasheet HTML 13Page - Texas Instruments TLV9022 Datasheet HTML 14Page - Texas Instruments TLV9022 Datasheet HTML 15Page - Texas Instruments TLV9022 Datasheet HTML 16Page - Texas Instruments TLV9022 Datasheet HTML 17Page - Texas Instruments TLV9022 Datasheet HTML 18Page - Texas Instruments TLV9022 Datasheet HTML 19Page - Texas Instruments TLV9022 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
6.12 Typical Characteristics (continued)
TA = 25°C, VS = 5 V, RPULLUP = 2.5k, CL = 15 pF, VCM = 0 V, VUNDERDRIVE = 100 mV, VOVERDRIVE = 100 mV unless otherwise
noted.
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
90
100
110
120
130
5V
3.3V
1.8
Figure 6-13. Sinking Short Circuit Current vs. Temperature
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
90
100
110
120
130
Push-Pull Output Only
5V
3.3V
1.8
Figure 6-14. Sourcing Short Circuit Current vs. Temperature
Output Capacittive Load (F)
10p
100p
1n
10n
1
10
100
1k
VS = 5V
125°C
85°C
25°C
-40°C
Figure 6-15. Risetime vs. Capacitive Load
Output Capacittive Load (F)
10p
100p
1n
10n
1
10
100
1k
VS = 5V
125°C
85°C
25°C
-40°C
Figure 6-16. Falltime vs. Capacitive Load
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com