Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 1 Page - Texas Instruments

  TLV9022 Datasheet HTML 1Page - Texas Instruments TLV9022 Datasheet HTML 2Page - Texas Instruments TLV9022 Datasheet HTML 3Page - Texas Instruments TLV9022 Datasheet HTML 4Page - Texas Instruments TLV9022 Datasheet HTML 5Page - Texas Instruments TLV9022 Datasheet HTML 6Page - Texas Instruments TLV9022 Datasheet HTML 7Page - Texas Instruments TLV9022 Datasheet HTML 8Page - Texas Instruments TLV9022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
TLV902x and TLV903x Precision Comparator Family
1 Features
• 1.65 V to 5.5 V supply range
• Precision input offset voltage 300 μV
• Power-on Reset (POR) for known start-up
• Rail-to-Rail input with fault-tolerance
• 100 ns typical propagation delay
• Low quiescent current 16 μA per channel
• Low input bias current 5 pA
• Open-drain output option (TLV902x)
• Push-pull output option (TLV903x)
• Full -40°C to +125°C temperature range
• 2 kV ESD protection
• Alternate Single Pinout (TLV90x0)
2 Applications
• Appliances
• Building automation
• Factory automation & control
• Motor drives
• Infotainment & cluster
3 Description
The TLV902x and TLV903x are a family of dual and
quad channel comparators. The family offers low input
offset voltage, fault-tolerant inputs and a excellent
speed-to-power combination with a propagation delay
of 100 ns with a quiescent supply current of only 18
μA per channel.
The family also includes a Power-on Reset (POR)
feature that ensures the output is in a known state
until the minimum supply voltage has been reached to
prevent output transients during system power-up and
power-down.
These comparators also feature fault-tolerant inputs
that can go up to 6-V without damage with no
output phase inversion. This makes this family
of comparators designed for precision voltage
monitoring in harsh, noisy environments.
The TLV902x have an open-drain output that may be
pulled-up below or beyond the supply voltage, making
it appropriate for low voltage logic translators.
The TLV903x have a push-pull output stage capable
of sinking and sourcing many milliamps of current to
drive LEDs or a capacitive load such as a MOSFET
gate.
The TLV90x0 and TLV90x1 are alternate pinouts of
the single device.
The family is specified for the Industrial temperature
range of -40°C to +125°C and are available in a
standard leaded and leadless packages.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TLV90x0,
TLV90x1
(Single)
SC-70 (5)
1.25 mm x 2.00 mm
SOT-23 (5)
1.60 mm x 2.90 mm
TLV9022,
TLV9032
(Dual)
SOIC (8)
3.91 mm × 4.90 mm
TSSOP (8)
3.00 mm × 4.40 mm
VSSOP (8)
3.00 mm × 3.00 mm
WSON (8)
(Preview)
2.00 mm × 2.00 mm
SOT-23 (8)
1.60 mm × 2.90 mm
TLV9024,
TLV9034
(Quad)
SOIC (14)
3.91 mm × 8.65 mm
TSSOP (14)
4.40 mm × 5.00 mm
SOT-23 (14)
4.20 mm x 2.00 mm
WQFN (16)
3.00 mm × 3.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
OUT
+
-
IN+
IN-
Bias
Power-On-Reset
(POR)
V+
V-
SNAPBACK
ESD
CLAMPS
V-
V-
V-
Output
Control
V-
V+
TLV902x Block Diagram
OUT
+
-
IN+
IN-
Bias
Power-On-Reset
(POR)
V+
V-
V+
SNAPBACK
ESD
CLAMPS
V-
V-
V-
Output
Control
V-
V+
TLV903x Block Diagram
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TLV9022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9022 TI-TLV9022 Datasheet
2Mb / 41P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022 Datasheet
2Mb / 40P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022 Datasheet
2Mb / 43P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022 Datasheet
2Mb / 41P
TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
TLV9022 TI-TLV9022 Datasheet
3Mb / 54P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
REVISED AUGUST 2021
More results

Similar Description - TLV9022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9020-Q1 TI-TLV9020-Q1 Datasheet
2Mb / 58P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI-TLV9020_V01 Datasheet
4Mb / 68P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V02 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI1-TLV9020_V02 Datasheet
4Mb / 67P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V03 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI1-TLV9020_V03 Datasheet
4Mb / 73P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V04 Datasheet
2Mb / 61P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI-TLV9020_V04 Datasheet
4Mb / 73P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V06 Datasheet
2Mb / 66P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI-TLV9020_V05 Datasheet
4Mb / 73P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com