Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 16Page - Texas Instruments TLV9022 Datasheet HTML 17Page - Texas Instruments TLV9022 Datasheet HTML 18Page - Texas Instruments TLV9022 Datasheet HTML 19Page - Texas Instruments TLV9022 Datasheet HTML 20Page - Texas Instruments TLV9022 Datasheet HTML 21Page - Texas Instruments TLV9022 Datasheet HTML 22Page - Texas Instruments TLV9022 Datasheet HTML 23Page - Texas Instruments TLV9022 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
7 Detailed Description
7.1 Overview
The TLV902x and TLV903x devices are dual-channel, micro-power comparators with push-pull and open-drain
outputs and low input offset voltage. Operating down to 1.65 V while only consuming only 16 µA per channel,
the TLV902x and TLV903x are ideally suited for portable, automotive and industrial applications. An internal
power-on reset circuit ensures that the output remains in a known state during power-up and power-down while
fail-safe inputs can tolerate input transients without damage or false outputs.
7.2 Functional Block Diagram
OUT
+
-
IN+
IN-
Bias
Power-On
Reset
V+
V-
V+
SNAPBACK
ESD
CLAMPS
V-
V-
V-
Output
Control
V-
V+
*
*
* Push-Pull
Version Only
Power
Clamp
7.3 Feature Description
The TLV902x (open-drain output) and TLV903x (push-pull output) devices are micro-power comparators that
have low input offset voltages and are capable of operating at low voltages. The TLV90xx family feature a
rail-to-rail input stage capable of operating up to 200 mV beyond the power supply rails. The comparators also
feature push-pull and open-drain output stage options and Power-on Reset for known start-up conditions.
7.4 Device Functional Modes
7.4.1 Outputs
7.4.1.1 TLV9022 and TLV9024 Open Drain Output
The TLV902x features an open-drain (also commonly called open collector) sinking-only output stage enabling
the output logic levels to be pulled up to an external voltage from 0 V up to 5.5 V, independent of the comparator
supply voltage (VS). The open-drain output also allows logical OR'ing of multiple open drain outputs and logic
level translation. TI recommends setting the pull-up resistor current to between 100uA and 1mA. Lower pull-up
resistor values will help increase the rising edge risetime, but at the expense of increasing VOL and higher power
dissipation. The risetime will be dependant on the time constant of the total pull-up resistance and total load
capacitance. Large value pull-up resistors (>1 MΩ) will create an exponential rising edge due to the RC time
constant and increase the risetime.
Unused open drain outputs must be left floating, or can be tied to the V- pin if floating pins are not allowed. While
an individual output can typically sink up to 125 mA, the total combined current for all channels must be less than
200 mA.
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com