Electronic Components Datasheet Search
  English  ▼

X  

TLV9022 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022
Description  TLV902x and TLV903x Precision Comparator Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9022 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9022 Datasheet HTML 17Page - Texas Instruments TLV9022 Datasheet HTML 18Page - Texas Instruments TLV9022 Datasheet HTML 19Page - Texas Instruments TLV9022 Datasheet HTML 20Page - Texas Instruments TLV9022 Datasheet HTML 21Page - Texas Instruments TLV9022 Datasheet HTML 22Page - Texas Instruments TLV9022 Datasheet HTML 23Page - Texas Instruments TLV9022 Datasheet HTML 24Page - Texas Instruments TLV9022 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
7.4.1.2 TLV9032 and TLV9034 Push-Pull Output
The TLV903x features a push-pull output stage capable of both sinking and sourcing current. This allows driving
loads such as LED's and MOSFET gates, as well as eliminating the need for a power-wasting external pull-up
resistor. The push-pull output must never be connected to another output.
Unused push-pull outputs must be left floating, and never tied to a supply, ground, or another output. While an
individual output can typically sink and source up to 100mA, the total combined current for all channels must be
less than 200 mA.
7.4.2 Power-On Reset (POR)
The TLV90xx has an internal Power-on-Reset (POR) circuit for known start-up or power-down conditions. While
the power supply (Vs) is ramping up or ramping down, the POR circuitry will be activated for up to 30µs after the
minimum supply voltage threshold of 1.5V is crossed, or immediately when the supply voltage drops below 1.5V.
When the supply voltage is equal to or greater than the minimum supply voltage, and after the delay period, the
comparator output reflects the state of the differential input (VID).
The POR circuit will keep the output high impedance (HI-Z) during the POR period (ton).
Power On Reset Time (tON)
VOH / 2
VOL
OUT
VS
+1.5V
0V
Figure 7-1. Power-On Reset Timing Diagram
Note that it the nature of an open collector output that the output will rise with the pull-up voltage during the POR
period.
For the TL903x push-pull output devices, the output is "floating" during the POR period. A light pull-up (to V+)
or pull-down (to V-) resistor can be used to pre-bias the output condition to prevent the output from floating.
If output high is the desired start-up condition, then use the open collector TL902x, since a pull-up resistor is
already required.
7.4.3 Inputs
7.4.3.1 Rail to Rail Input
The TLV90xx input voltage range extends from 200mV below V- to 200 mV above V+. The differential input
voltage (VID) can be any voltage within these limits. No phase-inversion of the comparator output will occur when
the input pins exceed V+ or V-.
7.4.3.2 Fault Tolerant Inputs
The TLV90xx inputs are fault tolerant up to 5.5V independent of VS. Fault tolerant is defined as maintaining the
same high input impedance when VS is unpowered or within the recommended operating ranges.
The fault tolerant inputs can be any value between 0 V and 5.5 V, even while VS is zero or ramping up or down.
This feature avoids power sequencing issues as long as the input voltage range and supply voltage are within
the specified ranges. This is possible since the inputs are not clamped to V+ and the input current maintains its
value even when a higher voltage is applied to the inputs.
As long as one of the input pins remains within the valid input range, and the supply voltage is valid and not in
POR, the output state will be correct.
The following is a summary of input voltage excursions and their outcomes:
1. When both IN- and IN+ are within the specified input voltage range:
a. If IN- is higher than IN+ and the offset voltage, the output is low.
b. If IN- is lower than IN+ and the offset voltage, the output is high.
www.ti.com
TLV9020, TLV9021, TLV9022, TLV9024, TLV9030, TLV9031, TLV9032, TLV9034
SNOSDA3F – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9020 TLV9021 TLV9022 TLV9024 TLV9030 TLV9031 TLV9032 TLV9034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com