Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices AD7380 Datasheet HTML 29Page - Analog Devices AD7380 Datasheet HTML 30Page - Analog Devices AD7380 Datasheet HTML 31Page - Analog Devices AD7380 Datasheet HTML 32Page - Analog Devices AD7380 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
REGISTERS
analog.com
Rev. 0 | 31 of 33
Table 21. Bit Descriptions for ALERT Indication Register (Continued)
Bits
Bit Name
Description
Reset
Access
[11:10]
RESERVED
Reserved.
0x0
R
9
CRCW_F
CRC Error. The CRCW_F indicates that a register write command failed due to a CRC error. This fault bit is sticky
and remains set until the register is read.
0x0
R
0: no CRC error.
1: CRC error.
8
SETUP_F
Load Error. The SETUP_F indicates that the device configuration data did not load correctly on startup. This bit does
not clear on an alert indication register read. A hard reset via the CONFIGURATION 2 register is required to clear
this bit and restart the device setup.
0x0
R
0: no setup error.
1: setup error.
7
AL_D_HIGH
Alert D High. The alert indication high bit indicates if a conversion result for the respective input channel exceeds the
value set in the ALERT_HIGH_THRESHOLD register. This fault bit is sticky and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
6
AL_D_LOW
Alert D Low. The alert indication low bit indicates if a conversion result for the respective input channel exceeds the
value set in the ALERT_LOW_THRESHOLD register. This fault bit is sticky and remains set until the register is read.
0x0
R
0: no alert indication.
1: alert indication.
5
AL_C_HIGH
Alert C High. The alert indication high bit indicates if a conversion result for the respective input channel exceeds the
value set in the ALERT_HIGH_THRESHOLD register. This fault bit is sticky and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
4
AL_C_LOW
Alert C Low. The alert indication low bit indicates if a conversion result for the respective input channel exceeds the
value set in the ALERT_LOW_THRESHOLD register. This fault bit is sticky and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
3
AL_B_HIGH
Alert B High. The alert indication high bit indicates if a conversion result for the respective input channel exceeds the
value set in the ALERT_HIGH_THRESHOLD register. This fault bit is sticky and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
2
AL_B_LOW
Alert B Low. The alert indication low bit indicates if a conversion result for the respective input channel exceeds the
value set in the ALERT_LOW_THRESHOLD register. This fault bit is sticky and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
1
AL_A_HIGH
Alert A High. The alert indication high bit indicates if a conversion result for the respective input channel exceeds the
value set in the ALERT_HIGH_THRESHOLD register. This fault bit is sticky and remains set until the register is read.
0x0
R
0: no alert indication.
1: alert indication.
0
AL_A_LOW
Alert A Low. The alert indication low bit indicates if a conversion result for the respective input channel exceeds the
value set in the ALERT_LOW_THRESHOLD register. This fault bit is sticky and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
ALERT_LOW_THRESHOLD REGISTER
Address: 0x4, Reset: 0x0800, Name: ALERT_LOW_THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com