Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
INTERFACE
analog.com
Rev. 0 | 23 of 33
The interface to the AD7383-4/AD7384-4 is via a SPI. The interface
consists of the CS, SCLK, SDOA, SDOB, SDOC, SDOD, and SDI
pins. When referencing a single function of a multifunction pin, only
the portion of the pin name that is relevant to the specification is
listed, such as SDOD. For full pin names of multifunction pins, refer
to the Pin Configuration and Function Descriptions section.
The CS signal frames a serial data transfer and initiates an ADC
conversion process. The falling edge of CS puts the track-and-hold
into hold mode, at which point the analog input is sampled, and the
bus is taken out of three-state. The ADC conversion operation is
driven internally by an on-board oscillator and is independent of the
SCLK signal.
The SCLK signal synchronizes data in and out of the device via
the SDOA, SDOB, SDOC, SDOD, and SDI signals. A minimum of
16 SCLK cycles are required for a write to or read from a register.
The minimum number of SCLKs for a conversion read is dependent
on the resolution of the device and the configuration settings (see
Table 14).
The AD7383-4/AD7384-4 have four serial output signals, SDOA,
SDOB, SDOC, and SDOD. Programming the SDO bit in the CON-
FIGURATION2 register configures 4-wire, 2-wire, or 1‑wire mode.
To achieve the highest throughput of the devices, use either the
2-wire or 4-wire mode to read the conversion results. If a reduced
throughput is required or oversampling is used, it is possible to use
1-wire mode, SDOA signal only, for reading conversion results.
Configuring a cyclic redundancy check (CRC) operation for SPI
reads, SPI writes, and oversampling mode with resolution boost
mode enabled alters the operation of the interface. Refer to the
CRC section to ensure correct operation.
READING CONVERSION RESULTS
The CS signal initiates the conversion process. A high to low
transition on the CS signal initiates a simultaneous conversion
of the four ADCs, ADC A, ADC B, ADC C, and ADC D. The
AD7383-4/AD7384-4 have a one cycle readback latency. Therefore,
the conversion results are available on the next SPI access. Take
the CS signal low, and the conversion result clocks out on the serial
data output pins. The next conversion is also initiated at this point.
The conversion result is shifted out of the device as a 16-bit result
for the AD7383-4 and 14-bit result for the AD7384-4. The MSB of
the conversion result is shifted out on the CS falling edge. The
remaining data is shifted out of the device under the control of the
SCLK input. The data is shifted out on the rising edge of the SCLK,
and the data bits are valid on both the falling edge and the rising
edge. After the final SCLK falling edge, take CS high again to return
the SDOx to a high impedance state.
The number of SCLK cycles to propagate the conversion SDOx
pins is dependent on the serial mode of operation configured and
if resolution boost mode is enabled (see Figure 34 and Table 14
for details). If CRC reading is enabled, additional SCLK pulses are
required to propagate the CRC information (see the CRC section
for more details).
Because the CS signal initiates a conversion as well as framing the
data, any data access must be completed within a single frame.
Table 14. Number of SCLK Cycles (n) Required for Reading Conversion Results
Interface Configuration
Resolution Boost Mode
CRC Read
No. of SCLK Cycles
4-Wire
Disabled
Disabled
16
Enabled
24
Enabled
Disabled
18
Enabled
26
2-Wire
Disabled
Disabled
32
Enabled
40
Enabled
Disabled
36
Enabled
44
1-Wire
Disabled
Disabled
64
Enabled
72
Enabled
Disabled
72
Enabled
80
Figure 34. Reading Conversion Results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com