Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
MODES OF OPERATION
analog.com
Rev. 0 | 22 of 33
to the external circuitry. Alternatively, if a more accurate reference
or higher dynamic range is required, an external reference can be
supplied. An externally supplied reference can range from 2.5 V to
3.3 V.
Reference selection, internal or external, is configured by the RE-
FSEL bit in the CONFIGURATION1 register. If the REFSEL bit is
set to 0, the internal reference buffer is enabled. If the REFSEL bit
is set to 1, the internal reference buffer is disabled. If an external
reference is preferred, set the REFSEL bit to 1 and supply an
external reference to the REFIO pin.
The external reference voltage of the AD7383-4/AD7384-4 is driven
through the REFIO pin. The external reference voltage must have
enough current to drive the AD7383-4/AD7384-4, which is a maxi-
mum of 2.4 mA. Connecting a 1 µF capacitor to the REFIO pin is
recommended. The recommended external voltage references are
the ADR4525 for 2.5 V and the ADR4533 for 3.3 V.
SOFTWARE RESET
The AD7383-4/AD7384-4 have two reset modes, a soft reset and a
hard reset. A RESET is initiated by writing to the reset bits in the
CONFIGURATION2 register.
A soft reset maintains the contents of the configurable registers but
refreshes the interface and the ADC blocks. Any internal state ma-
chines are reinitialized, and the oversampling block and FIFO are
flushed. The ALERT indication register is cleared. The reference
and LDO regulator remain powered.
A hard reset, in addition to the blocks reset by a soft reset, resets
all user registers to the default status, and resets the internal
oscillator block.
DIAGNOSTIC SELF TEST
The AD7383-4/AD7384-4 run a diagnostic self test after a power-on
reset or after a software hard reset to ensure that the correct
configuration is loaded into the device.
The result of the self test is displayed in the SETUP_F bit in the
ALERT indication register. If the SETUP_F bit is set to Logic 1, the
diagnostic self test has failed. If the test fails, perform a software
hard reset to reset the AD7383-4/AD7384-4 registers to the default
status.
Figure 32. Shutdown Mode Operation
Figure 33. Software Reset Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com