Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices AD7380 Datasheet HTML 29Page - Analog Devices AD7380 Datasheet HTML 30Page - Analog Devices AD7380 Datasheet HTML 31Page - Analog Devices AD7380 Datasheet HTML 32Page - Analog Devices AD7380 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
OUTLINE DIMENSIONS
©2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 33 of 33
COMPLIANT TO JEDEC STANDARDS MO-248-UGGD
BOTTOM VIEW
TOP VIEW
SIDE VIEW
4.10
4.00 SQ
3.90
0.60
0.55
0.50
0.050 MAX
0.035 NOM
0.152 REF
COPLANARITY
0.08
PIN 1
CORNER
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
SEATING
PLANE
0.30
0.25
0.20
0.50
BSC
0.60
0.50 SQ
0.40
PIN 1
INDICATOR
0.45
0.40
0.30
Figure 42. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.55 mm Package Height
(CP-24-25)
Dimensions shown in millimeters
Updated: April 18, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
AD7383-4BCPZ
-40°C to +125°C
24-Lead LFCSP (4mm x 4mm x 0.55mm)
Tray, 490
CP-24-25
AD7383-4BCPZ-RL
-40°C to +125°C
24-Lead LFCSP (4mm x 4mm x 0.55mm)
Reel, 5000
CP-24-25
AD7383-4BCPZ-RL7
-40°C to +125°C
24-Lead LFCSP (4mm x 4mm x 0.55mm)
Reel, 1000
CP-24-25
AD7384-4BCPZ
-40°C to +125°C
24-Lead LFCSP (4mm x 4mm x 0.55mm)
Tray, 490
CP-24-25
CA6
AD7384-4BCPZ-RL
-40°C to +125°C
24-Lead LFCSP (4mm x 4mm x 0.55mm)
Reel, 5000
CP-24-25
CA6
AD7384-4BCPZ-RL7
-40°C to +125°C
24-Lead LFCSP (4mm x 4mm x 0.55mm)
Reel, 1000
CP-24-25
CA6
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Table 24. Evaluation Boards
Model1
Description
EVAL-AD7383-4FMCZ
Evaluation Board
1 Z=RoHS-Compliant Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com