Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 5 Page - Analog Devices

  AD7380 Datasheet HTML 1Page - Analog Devices AD7380 Datasheet HTML 2Page - Analog Devices AD7380 Datasheet HTML 3Page - Analog Devices AD7380 Datasheet HTML 4Page - Analog Devices AD7380 Datasheet HTML 5Page - Analog Devices AD7380 Datasheet HTML 6Page - Analog Devices AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 33
VCC = 3.0 V to 3.6 V, VLOGIC = 1.65 V to 3.6 V, external VREF = 2.5 V to 3.3 V, TA = −40°C to +125°C, and no oversampling enabled, unless
otherwise noted. SDOA, SDOB, SDOC, and SDOD are connected with 100 Ω series resistor.
Table 4. All Devices
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ANALOG INPUT
Voltage Range
AINx+ − AINx−
−VREF
+VREF
V
Absolute Input Voltage
AINx+, AINx−
−0.1
VREF + 0.1
V
Common-Mode Input Range
AINx+, AINx−
0.2
VREF × 0.5
VREF − 0.2
V
Analog Input Common-Mode Rejection
Ratio (CMRR)
fIN = 500 kHz
−76
dB
DC Leakage Current
0.1
1
µA
Input Capacitance
Track mode
18
pF
Hold mode
5
pF
SAMPLING DYNAMICS
Input Bandwidth
At −0.1 dB
6.6
MHz
At −3 dB
26.8
MHz
Aperture Delay
2
ns
Aperture Delay Match
46.8
145
ps
Aperture Jitter
20
ps
REFERENCE INPUT AND OUTPUT
(VREF)
Input Voltage Range
External reference
2.49
3.4
V
Input Current
External reference
0.91
0.97
mA
Output Voltage
−40°C to +125°C
2.495
2.5
2.505
V
Temperature Coefficient
2
10
ppm/°C
Noise
7
µV RMS
DIGITAL INPUTS (SCLK, SDI, AND CS)
Logic Levels
Input Voltage Low (VIL)
VLOGIC < 2.3 V
0.45
V
VLOGIC ≥ 2.3 V
0.7
V
Input Voltage High (VIH)
VLOGIC < 2.3 V
VLOGIC − 0.45
V
VLOGIC ≥ 2.3 V
0.8 × VLOGIC
V
Input Current Low (IIL)
−1
+1
µA
Input Current High (IIH)
−1
+1
µA
DIGITAL OUTPUTS (SDOA, SDOB,
SDOC, AND SDOD/ALERT)
Output Coding
Twos complement
Bits
Output Voltage Low (VOL)
Current sink (ISINK) = 300 µA
0.4
V
Output Voltage High (VOH)
Current source (ISOURCE) = −300 µA
VLOGIC − 0.3
V
Floating State Leakage Current
±1
µA
Floating State Output Capacitance
10
pF
POWER SUPPLIES
VCC
3.0
3.3
3.6
V
External reference = 3.3 V
3.3
3.6
V
VLOGIC
1.65
3.6
V
IVCC
Normal Mode (Static)
2.6
3.2
mA
Shutdown Mode
104
200
µA
VLOGIC Current (IVLOGIC)
Analog inputs at positive full scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com