Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
MODES OF OPERATION
analog.com
Rev. 0 | 20 of 33
Rolling Average Oversampling
Rolling average oversampling mode is used in applications where
higher output data rates are required and where a higher SNR
or dynamic range is desirable. Rolling averaging involves taking a
number of samples, adding them together, and dividing the result
by the number of samples taken. This result is then output from
the device. The sample data is not cleared when the process
completes. The rolling oversampling mode uses a first in, first
out (FIFO) buffer of the most recent samples in the averaging
calculation, allowing the ADC throughput rate and output data rate
to stay the same.
Rolling average oversampling mode is configured by setting the
OS_MODE bit to Logic 1 and having a valid nonzero value in the
OSR bits. The oversampling ratio of the digital filter is controlled
using the OSR bits (see Table 13).
Table 13 provides the oversampling bit decoding to select the
different oversample rates. The output result is decimated to 16-bit
resolution for the AD7383-4 and 14-bit for the AD7384-4. Additional
resolution can be achieved by configuring the RES bit in the
CONFIGURATION1 register. See the Resolution Boost section for
further details.
In rolling average oversampling mode, all ADC conversions are
controlled and initiated by the falling edge of CS. When a conver-
sion is complete, the result is loaded into the FIFO. The FIFO
length is 8, regardless of the oversampling ratio set. The FIFO
is filled on the first conversion after a power-on reset on the first
conversion after a software controlled hard or soft reset. A new
conversion result is shifted into the FIFO on completion of every
ADC conversion regardless of the status of the OSR bits and the
OS_MODE bit. This conversion allows a seamless transition from
no oversampling to rolling average oversampling, or different rolling
average oversampling ratios without waiting for the FIFO to fill.
The number of samples, n, defined by the OSR bits are taken from
the FIFO, added together and the result is divided by n.
Table 13. Rolling Average Oversampling Overview
OSR, Bits[2:0]
Oversampling Ratio
AD7383-4 SNR (dB Typical)
Data Output Rate (kSPS Maximum)
2.5 V Reference
3.3 V Reference
RES = 0
RES = 1
RES = 0
RES = 1
000
No oversampling
85.14
85.21
87.02
87.03
4000
001
2
87.05
87.42
88.55
89.02
4000
010
4
89.76
90.27
91.00
91.85
4000
011
8
92.22
93.25
93.23
94.78
4000
110
Invalid
Not applicable
Not applicable
Not applicable
Not applicable
Not applicable
111
Invalid
Not applicable
Not applicable
Not applicable
Not applicable
Not applicable
Figure 30. Rolling Average Oversampling Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com