Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7380 Datasheet HTML 11Page - Analog Devices AD7380 Datasheet HTML 12Page - Analog Devices AD7380 Datasheet HTML 13Page - Analog Devices AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
THEORY OF OPERATION
analog.com
Rev. 0 | 15 of 33
CIRCUIT INFORMATION
The AD7383-4/AD7384-4 are high speed, quad, pseudo differential,
16-bit and 14-bit (respectively), SAR ADCs. The devices operate
from a 3.0 V to 3.6 V power supply and feature throughput rates up
to 4 MSPS.
The AD7383-4/AD7384-4 contain four successive approximation
ADCs and serial peripheral interfaces (SPIs) with four separate da-
ta output pins. The devices are housed in a 24-lead LFCSP, offering
the user considerable space-saving advantages over alternative
solutions.
Data is accessed from the devices via the SPI. The SPI can oper-
ate with two, four, or one serial output(s). The AD7383-4/AD7384-4
have an on-chip 2.5 V internal reference (VREF). If an external
reference voltage is required, and the values range from 2.5 V to
3.3 V, set the REFSEL bit in the CONFIGURATION1 register to 1.
If the internal reference is used elsewhere in the system, buffer the
reference output. The pseudo differential analog input range for the
AD7383-4/AD7384-4 is the common-mode voltage (VCM) ± VREF/2.
The AD7383-4/AD7384-4 feature on-chip oversampling blocks to
improve performance. Normal averaging and rolling average over-
sampling modes are available. Power-down options to allow power
saving between conversions are available. Configuration of the
devices is implemented via the standard SPI, as described in the
Interface section.
CONVERTER OPERATION
The AD7383-4/AD7384-4 have four successive approximation
ADCs, each based around two capacitive DACs. Figure 24 and
Figure 25 show simplified schematics of one of these ADCs in
acquisition phase and conversion phase, respectively. The ADC
comprises control logic, an SAR, and two capacitive DACs. In
Figure 24 (the acquisition phase), SW3 is closed, SW1 and SW2
are in Position A, the comparator is held in a balanced condition,
and the sampling capacitor (CS) arrays can acquire the differential
signal on the input.
Figure 24. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 25), SW3 opens
and SW1 and SW2 move to Position B, causing the comparator
to become unbalanced. Both inputs are disconnected when the
conversion begins. The control logic and charge redistribution
DACs are used to add and subtract fixed amounts of charge from
the sampling capacitor arrays to bring the comparator back into
a balanced condition. When the comparator is rebalanced, the
conversion is complete. The control logic generates the ADC output
code. Match the output impedance of the sources driving the AINx+
and AINx− pins. Otherwise, the two inputs have different settling
times, resulting in errors.
Figure 25. ADC Conversion Phase
ANALOG INPUT STRUCTURE
Figure 26 shows the equivalent circuit of the analog input structure
of the AD7383-4/AD7384-4. The four diodes provide ESD protec-
tion for the analog inputs. Ensure that the analog input signals
never exceed the supply rails by more than 300 mV. Exceeding
the limit causes these diodes to become forward biased and start
conducting into the substrate. These diodes can conduct up to 10
mA without causing irreversible damage to the devices.
The C1 capacitors in Figure 26 are typically 3 pF and are primarily
attributed to pin capacitance. The R1 resistors are lumped compo-
nents made up of the on resistance of the switches. The value of
these resistors is typically 200 Ω. The C2 capacitors are the ADC
sampling capacitors with a typical capacitance of 15 pF.
Figure 26. Equivalent Analog Input Circuit, Conversion Phase—Switches
Open, Track Phase—Switches Closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com