Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices AD7380 Datasheet HTML 29Page - Analog Devices AD7380 Datasheet HTML 30Page - Analog Devices AD7380 Datasheet HTML 31Page - Analog Devices AD7380 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
REGISTERS
analog.com
Rev. 0 | 28 of 33
The AD7383-4/AD7384-4 have user-programmable on-chip registers for configuring the device. Table 16 shows a complete overview of the
registers available on the AD7383-4/AD7384-4.
The registers are either read/write (R/W) or read only (R). Any read request to a write only register is ignored, and any write request to a read
only register is ignored. Writes to the NOP registers and the reserved register are ignored. Any read request to the NOP registers or reserved
registers is considered an NOP, and the data transmitted in the next SPI frame are the conversion results.
Table 16. Register Description
Reg
Name
Bits
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x1
CONFIGURATIO
N1
[15:8]
WR
ADDRESSING
RESERVED
OS_MODE
OSR, Bit 2
0x0000
R/W
[7:0]
OSR, Bits[1:0]
CRC_W
CRC_R
ALERT_EN RES
REFSEL
PMODE
0x2
CONFIGURATIO
N2
[15:8]
WR
ADDRESSING
RESERVED
SDO, Bits[1:0]
0x0000
R/W
[7:0]
RESET, Bits[7:0]
0x3
ALERT
[15:8]
WR
ADDRESSING
RESERVED
CRCW_F
SETUP_F
0x0000
R
[7:0]
AI_D_HIGH AI_D_LOW AI_C_HIGH AI_C_LOW AI_B_HIGH AI_B_LOW AI_A_HIGH AI_A_LOW
0x4
ALERT_LOW_T
HRESHOLD
[15:8]
WR
ADDRESSING
ALERT_LOW, Bits[11:8]
0x0800
R
[7:0]
ALERT_LOW, Bits[7:0]
0x5
ALERT_HIGH_T
HRESHOLD
[15:8]
WR
ADDRESSING
ALERT_HIGH, Bits[11:8]
0x07FF
R/W
[7:0]
ALERT_HIGH, Bits[7:0]
ADDRESSING REGISTERS
A serial register transfer on the AD7383-4/AD7384-4 consists of 16 SCLK cycles. The 4 MSBs written to the device are decoded to determine
which register is addressed and consist of the register address (REGADDR), Bits[2:0], and the read/write bit (WR). The register address bits
determine which on-chip register is selected. If the addressed register is a valid write register, the WR bit determines whether the remaining 12
bits of data on the SDI input are loaded into the addressed register. If the WR bit is 1, the bits load into the register addressed by the register
select bits. If the WR bit is 0, the command is seen as a read request, and the addressed register data is available to be read during the next
read operation.
Table 17. Addressing Register Format
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
WR
REGADDR, Bits[2:0]
Data, Bits[11:0]
Table 18. Bit Descriptions for Addressing Registers
Bit
Mnemonic
Description
D15
WR
When a 1 is written to this bit, Bits[11:0] of this register are written to the register specified by REGADDR if it is a valid address.
Alternatively, when a 0 is written, the next data sent out on the SDOA pin is a read from the designated register if it is a valid address.
D14 to D12
REGADDR
When WR = 1, the contents of REGADDR determine the register for selection as outlined in Table 16.
When WR = 0 and the REGADDR bits contain a valid register address, the contents on the requested register are output on the SDOA
pin during the next interface access.
When WR = 0 and the REGADDR bits contain 0x0, 0x6, or 0x7, the contents on the SDI line are ignored. The next interface access
results in the conversion results being read back.
D11 to D0
DATA
The DATA bits are written into the corresponding register specified by the REGADDR bits when the WR bit = 1 and the REGADDR bits
contain a valid address.
CONFIGURATION1 REGISTER
Address: 0x1, Reset: 0x0000, Name: CONFIGURATION1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com