Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7380 Datasheet HTML 5Page - Analog Devices AD7380 Datasheet HTML 6Page - Analog Devices AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices AD7380 Datasheet HTML 10Page - Analog Devices AD7380 Datasheet HTML 11Page - Analog Devices AD7380 Datasheet HTML 12Page - Analog Devices AD7380 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 9 of 33
Table 6. Absolute Maximum Ratings
Parameter
Rating
VCC to GND
−0.3 V to +4 V
VLOGIC to GND
−0.3 V to +4 V
Analog Input Voltage to GND
−0.3 V to VREF + 0.3 V or VCC + 0.3 V
Digital Input Voltage to GND
−0.3 V to VLOGIC + 0.3 V
Digital Output Voltage to GND
−0.3 V to VLOGIC + 0.3 V
REFIO Input to GND
−0.3 V to VCC + 0.3 V
Input Current to Any Pin Except
Supplies
±10 mA
Temperature
Operating Range
−40°C to +125°C
Storage Range
−65°C to +150°C
Maximum Junction
150°C
Pb-Free Soldering Reflow
260°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction
to case thermal resistance.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-24-251
48.4
0.431
°C/W
1 Test Condition 1: Thermal impedance simulated values are based on JE-
DEC 2S2P thermal test board with four thermal vias. See JEDEC JESDS1.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charge device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for AD7383-4 and AD7384-4
Table 8. AD7383-4 and AD7384-4, 24-lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±4000
3A
FICDM
±1250
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com