Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
INTERFACE
analog.com
Rev. 0 | 24 of 33
Serial 4-Wire Mode
Configure 4-wire mode by setting the SDO bits in the CONFIGURA-
TION2 register to 0b10. In 4-wire mode, the conversion result for
ADC A is output on the SDOA pin, ADC B on the SDOB pin, ADC C
on the SDOC pin, and ADC D on the SDOD/ALERT pin.
Serial 2-Wire Mode
Configure 2-wire mode by setting the SDO bits in the CONFIGURA-
TION2 register to 0b00. In 2-wire mode, the conversion results for
ADC A and ADC C are output on the SDOA pin. The conversion
results for ADC B and ADC D are output on the SDOB pin.
Serial 1-Wire Mode
In applications where slower throughput rates are allowed or normal
averaging oversampling is used, the serial interface can be config-
ured to operate in 1-wire mode. In 1-wire mode, the conversion
results from ADC A, ADC B, ADC C, and ADC D are output on
the SDOA pin. Additional SCLK cycles are required to propagate all
data. ADC A data is output first, followed by the ADC B, ADC C,
and ADC D conversion results.
LOW LATENCY READBACK
The interface on the AD7383-4/AD7384-4 has a one-cycle latency
as shown in Figure 36. For applications that operate at lower
throughput rates, the latency of reading the conversion result can
be reduced. When the conversion time elapses, a second CS pulse
after the initial CS pulse that initiates the conversion can read back
the conversion result. This operation is shown in Figure 38.
Figure 35. Read Conversion Results, 4-Wire Mode
Figure 36. Read Conversion Results, 2-Wire Mode
Figure 37. Reading Conversion Results, 1-Wire Mode
Figure 38. Low Throughput Low Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com