Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 1 Page - Analog Devices

  AD7380 Datasheet HTML 1Page - Analog Devices AD7380 Datasheet HTML 2Page - Analog Devices AD7380 Datasheet HTML 3Page - Analog Devices AD7380 Datasheet HTML 4Page - Analog Devices AD7380 Datasheet HTML 5Page - Analog Devices AD7380 Datasheet HTML 6Page - Analog Devices AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit,
SAR ADC
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
16-bit and 14-bit ADC family
►
Quad simultaneous sampling
►
Pseudo differential analog inputs
►
High throughput rate: 4 MSPS
►
SNR: 86.7 dB (typical) at VREF = 3.3 V (AD7383-4)
►
On-chip oversampling function
►
SNR: 91 dB (typical) with OSR = 8×, RES = 1
►
2-bit resolution boost
►
Out of range indicator (ALERT)
►
INL: 3.8 LSBs (maximum)
►
High speed serial interface
►
Temperature range: −40°C to +125°C
►
24-lead, 4 mm × 4 mm LFCSP
APPLICATIONS
►
Motor control position feedback
►
Motor control current sense
►
Data acquisition systems
►
Erbium-doped fiber amplifier (EDFA) applications
►
Inphase and quadrature demodulation
PRODUCT HIGHLIGHTS
1. Quad simultaneous sampling and conversion.
2. Pin-compatible product family.
3. High 4 MSPS throughput rate.
4. Space-saving 4 mm × 4 mm LFCSP.
5. Integrated oversampling block to increase dynamic range, re-
duce noise, and reduce SCLK speed requirements.
6. Pseudo differential analog inputs.
7. Small sampling capacitor reduces amplifier drive burden.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The 16-bit AD7383-4 and 14-bit AD7384-4 are pin-compatible,
quad, simultaneous sampling, high speed, successive approxima-
tion register (SAR), analog-to-digital converters (ADCs) operating
from a 3.0 V to 3.3 V power supply with throughput rates up to
4 MSPS. The analog input type is a pseudo differential and is
sampled and converted on the falling edge of CS.
The AD7383-4/AD7384-4 have on-chip oversampling blocks to
improve dynamic range and reduce noise at lower bandwidths. The
oversampling boosts up to two bits of added resolution. A buffered
internal 2.5 V reference is included. Alternatively, an external refer-
ence up to 3.3 V can be used.
The conversion process and data acquisition use standard control
inputs allowing easy interfacing to microprocessors or digital signal
processors (DSPs). The conversion result can clock out simultane-
ously via 4-wire mode for faster throughput or via 1-wire serial
mode when slower throughput is allowed. The devices are compati-
ble with 1.8 V, 2.5 V, and 3.3 V interfaces using the separate logic
supply.
The AD7383-4/AD7384-4 are available in a 24-lead, 4 mm × 4 mm
LFCSP and a temperature range of −40°C to +125°C.
Table 1. Related Devices
No. of
Channels
Input Type
16 Bits
14 Bits
12 Bits
4
Differential
AD7380-4
AD7381‑4
AD7389-4
2
Differential
AD7380
AD7381
AD4680
AD4681
Single-ended
AD7386
AD7387
AD7388


Similar Part No. - AD7380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7380 AD-AD7380 Datasheet
699Kb / 31P
Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
1/2019-Revision 0
AD7380 AD-AD7380 Datasheet
2Mb / 28P
1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
AD7380 AD-AD7380 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
AD7380 AD-AD7380 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
10/2020-Revision 0
AD7380 AD-AD7380 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
More results

Similar Description - AD7380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
AD7380-4 AD-AD7380-4 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
AD7389-4 AD-AD7389-4 Datasheet
611Kb / 31P
Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
1/2022-Revision 0
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com