Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 29 Page - Texas Instruments

Back Button AM625 Datasheet HTML 25Page - Texas Instruments AM625 Datasheet HTML 26Page - Texas Instruments AM625 Datasheet HTML 27Page - Texas Instruments AM625 Datasheet HTML 28Page - Texas Instruments AM625 Datasheet HTML 29Page - Texas Instruments AM625 Datasheet HTML 30Page - Texas Instruments AM625 Datasheet HTML 31Page - Texas Instruments AM625 Datasheet HTML 32Page - Texas Instruments AM625 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 259 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
E19
D15
MCASP0_AFSR
PADCONFIG:
PADCONFIG107
0x000F41AC
MCASP0_AFSR
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI2_CS0
1
IO
1
UART1_RXD
2
I
1
EHRPWM0_A
6
IO
0
GPIO1_13
7
IO
pad
EQEP1_S
8
IO
0
D20
C16
MCASP0_AFSX
PADCONFIG:
PADCONFIG106
0x000F41A8
MCASP0_AFSX
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI2_CS3
1
IO
1
AUDIO_EXT_REFCLK1
2
IO
0
GPIO1_12
7
IO
pad
EQEP1_B
8
I
0
E18
D18
MCASP0_AXR0
PADCONFIG:
PADCONFIG104
0x000F41A0
MCASP0_AXR0
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
PR0_ECAP0_IN_APWM_OUT
1
IO
0
AUDIO_EXT_REFCLK0
2
IO
0
PR0_UART0_TXD
5
O
EHRPWM1_B
6
IO
0
GPIO1_10
7
IO
pad
EQEP0_I
8
IO
0
B18
A18
MCASP0_AXR1
PADCONFIG:
PADCONFIG103
0x000F419C
MCASP0_AXR1
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI2_CS2
1
IO
1
ECAP1_IN_APWM_OUT
2
IO
0
PR0_UART0_RXD
5
I
1
EHRPWM1_A
6
IO
0
GPIO1_9
7
IO
pad
EQEP0_S
8
IO
0
A19
B17
MCASP0_AXR2
PADCONFIG:
PADCONFIG102
0x000F4198
MCASP0_AXR2
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI2_D1
1
IO
0
UART1_RTSn
2
O
UART6_TXD
3
O
PR0_IEP0_EDIO_DATA_IN_OUT29
4
IO
0
ECAP2_IN_APWM_OUT
5
IO
0
PR0_UART0_TXD
6
O
GPIO1_8
7
IO
pad
EQEP0_B
8
I
0
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com