Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 3 Page - Texas Instruments

  AM625 Datasheet HTML 1Page - Texas Instruments AM625 Datasheet HTML 2Page - Texas Instruments AM625 Datasheet HTML 3Page - Texas Instruments AM625 Datasheet HTML 4Page - Texas Instruments AM625 Datasheet HTML 5Page - Texas Instruments AM625 Datasheet HTML 6Page - Texas Instruments AM625 Datasheet HTML 7Page - Texas Instruments AM625 Datasheet HTML 8Page - Texas Instruments AM625 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 259 page
background image
Media and Data Storage:
• 3x Multi-Media Card/Secure Digital® (MMC/SD®)
interface
– 1x 8-bit eMMC interface up to HS200 speed
– 2x 4-bit SD/SDIO interface up to UHS-I
– Compliant with eMMC 5.1, SD 3.0 and SDIO
Version 3.0
• 1× General-Purpose Memory Controller (GPMC)
up to 133 MHz
– Flexible 8- and 16-Bit Asynchronous Memory
Interface With up to four Chip (22-bit address)
Selects (NAND, NOR, Muxed-NOR, and
SRAM)
– Uses BCH Code to Support 4-, 8-, or 16-Bit
ECC
– Uses Hamming Code to Support 1-Bit ECC
– Error Locator Module (ELM)
• Used With the GPMC to Locate Addresses
of Data Errors From Syndrome Polynomials
Generated Using a BCH Algorithm
• Supports 4-, 8-, and 16-Bit Per 512-Byte
Block Error Location Based on BCH
Algorithms
• OSPI/QSPI with DDR / SDR support
– Support for Serial NAND and Serial NOR flash
devices
– 4GBytes memory address support
– XIP mode with optional on-the-fly encryption
Power Management:
• Low power modes supported by Device/Power
Manager
– Partial IO support for CAN/GPIO/UART wakeup
– DeepSleep
– MCU Only
– Standby
– Dynamic frequency scaling for Cortex-A53
Optimal Power Management Solution:
• Recommended TPS65219 Power Management
ICs (PMIC)
– Companion PMIC specially designed to meet
device power supply requirements
– Flexible mapping and factory programmed
configurations to support different use cases
Boot Options:
• UART
• I2C EEPROM
• OSPI/QSPI Flash
• GPMC NOR/NAND Flash
• Serial NAND Flash
• SD Card
• eMMC
• USB (host) boot from Mass Storage device
• USB (device) boot from external host (DFU mode)
• Ethernet
Technology / Package:
• 16-nm technology
• 13 mm x 13 mm, 0.5-mm pitch, 425-pin FCCSP
BGA (ALW)
• 17.2 mm x 17.2 mm, 0.8-mm pitch, 441-pin
FCBGA (AMC)
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com