Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM625 Datasheet HTML 80Page - Texas Instruments AM625 Datasheet HTML 81Page - Texas Instruments AM625 Datasheet HTML 82Page - Texas Instruments AM625 Datasheet HTML 83Page - Texas Instruments AM625 Datasheet HTML 84Page - Texas Instruments AM625 Datasheet HTML 85Page - Texas Instruments AM625 Datasheet HTML 86Page - Texas Instruments AM625 Datasheet HTML 87Page - Texas Instruments AM625 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 259 page
background image
6.4 Pin Connectivity Requirements
This section describes connectivity requirements for package balls that have specific connectivity requirements
and unused package balls.
Note
All power balls must be supplied with the voltages specified in Section 7.5, Recommended Operating
Conditions, unless otherwise specified .
Note
For additional clarification, "leave unconnected" or "no connect" (NC) means no signal traces can be
connected to these device ball numbers.
Table 6-74. Connectivity Requirements
ALW
BALL
NUMBER
AMC
BALL
NUMBER
BALL NAME
CONNECTION REQUIREMENTS
D1
B10
B1
A11
MCU_ERRORn
TRSTn
Each of these balls must be connected to VSS through separate
external pull resistors to ensure the inputs associated with these
balls are held to a valid logic low level if a PCB signal trace
is connected and not actively driven by an attached device. The
internal pull-down can be used to hold a valid logic low level if no
PCB signal trace is connected to the ball.
E12
C11
E11
F20
A10
A11
B11
D9
B10
C9
E15
C10
D10
B11
EMU0
EMU1
MCU_RESETz
RESET_REQz
TCK
TDI
TMS
Each of these balls must be connected to the corresponding power
supply(1) through separate external pull resistors to ensure the inputs
associated with these balls are held to a valid logic high level if a
PCB signal trace is connected and not actively driven by an attached
device. The internal pull-up can be used to hold a valid logic high
level if no PCB signal trace is connected to the ball.
A8
D10
B9
A9
B9
A10
E9
A9
MCU_I2C0_SCL
MCU_I2C0_SDA
WKUP_I2C0_SCL
WKUP_I2C0_SDA
Each of these balls must be connected to the corresponding power
supply(1) through separate external pull resistors to ensure the inputs
associated with these balls are held to a valid logic high level.
M25
N23
N24
N25
P24
P22
P21
R23
R24
R25
T25
R21
T22
T24
U25
U24
K19
L19
L20
L21
M21
L17
L18
M20
N20
N21
M17
N18
N17
N19
P19
P20
GPMC0_AD0
GPMC0_AD1
GPMC0_AD2
GPMC0_AD3
GPMC0_AD4
GPMC0_AD5
GPMC0_AD6
GPMC0_AD7
GPMC0_AD8
GPMC0_AD9
GPMC0_AD10
GPMC0_AD11
GPMC0_AD12
GPMC0_AD13
GPMC0_AD14
GPMC0_AD15
Each of these balls must be connected to the corresponding power
supply(1) or VSS through separate external pull resistors to ensure
the inputs associated with these balls are held to a valid logic high or
low level as appropriate to select the desired device boot mode.
K9
L8
P9
R8
-
-
M9
K9
L8
J8
K7
C1
U1
L7
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS_DDR_C
If DDRSS is not used, each of these balls must be connected directly
to VSS.
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
84
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com