Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 52 Page - Texas Instruments

Back Button AM625 Datasheet HTML 48Page - Texas Instruments AM625 Datasheet HTML 49Page - Texas Instruments AM625 Datasheet HTML 50Page - Texas Instruments AM625 Datasheet HTML 51Page - Texas Instruments AM625 Datasheet HTML 52Page - Texas Instruments AM625 Datasheet HTML 53Page - Texas Instruments AM625 Datasheet HTML 54Page - Texas Instruments AM625 Datasheet HTML 55Page - Texas Instruments AM625 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 259 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
A1, A24,
A25, AA11,
AB9, AD1,
AD12,
AD16,
AD25, AD9,
AE1, AE12,
AE16,
AE24,
AE25, AE8,
B25, F13,
G13, G19,
H13, H16,
H18, H20,
J13, J7,
K13, K15,
K19, K7,
L20, M10,
M12, M13,
M17, M18,
M7, M8,
N15, P10,
P13, P7,
R13, R15,
R18, R20,
T13, T14,
T16, T17,
T18, T8,
U19, U8,
V10, V11,
V13, V16,
V18, V9,
W7, Y2
A1, A21,
A4, AA1,
AA12,
AA15,
AA21, AA9,
D11, D19,
D4, E2,
F11, F13,
F15, F4,
F9, G16,
G6, G9,
H1, H13,
H6, J10,
J12, J14,
J16, J6,
K13, K3,
K6, K8, L1,
L10, L12,
L14, L16,
L6, M11,
M16, M18,
M6, M9,
N12, N14,
N6, P1,
P10, P13,
P15, P16,
P3, P6,
R16, R5,
R7, R8,
T10, T12,
T15, T3,
T6, T7, T9,
U10, U13,
U5, U8,
V11, V14,
V19, W10,
W13, W7,
Y11, Y14,
Y3, Y4, Y6
VSS
VSS
PWR
A12
B12
WKUP_CLKOUT0
PADCONFIG:
MCU_PADCONFIG33
0x04084084
WKUP_CLKOUT0
0
O
Off / Off / Off
Off / SS / Off
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
MCU_GPIO0_23
7
IO
pad
B9
E9
WKUP_I2C0_SCL
PADCONFIG:
MCU_PADCONFIG19
0x0408404C
WKUP_I2C0_SCL
0
IOD
1
Off / Off / NA
On / SS / NA
7
1.8 V/3.3 V
VDDSHV_MCU
Yes
I2C OD FS
MCU_GPIO0_19
7
IOD
pad
A9
A9
WKUP_I2C0_SDA
PADCONFIG:
MCU_PADCONFIG20
0x04084050
WKUP_I2C0_SDA
0
IOD
1
Off / Off / NA
On / SS / NA
7
1.8 V/3.3 V
VDDSHV_MCU
Yes
I2C OD FS
MCU_GPIO0_20
7
IOD
pad
C2
A2
WKUP_LFOSC0_XI
WKUP_LFOSC0_XI
I
1.8 V
VDDS_OSC0
LFXOSC
C1
A3
WKUP_LFOSC0_XO
WKUP_LFOSC0_XO
O
1.8 V
VDDS_OSC0
LFXOSC
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
52
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com