Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AM625 Datasheet HTML 55Page - Texas Instruments AM625 Datasheet HTML 56Page - Texas Instruments AM625 Datasheet HTML 57Page - Texas Instruments AM625 Datasheet HTML 58Page - Texas Instruments AM625 Datasheet HTML 59Page - Texas Instruments AM625 Datasheet HTML 60Page - Texas Instruments AM625 Datasheet HTML 61Page - Texas Instruments AM625 Datasheet HTML 62Page - Texas Instruments AM625 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 259 page
background image
6.3.6 ECAP
6.3.6.1 MAIN Domain
Table 6-10. ECAP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
ECAP0_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary
PWM (APWM) Ouput
A18, C13
C14, D13
Table 6-11. ECAP1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
ECAP1_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary
PWM (APWM) Ouput
B16, B18, B19,
B21, D14
A13, A18, B18,
B19, E12
Table 6-12. ECAP2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
ECAP2_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary
PWM (APWM) Ouput
A16, A19, A22,
B20, E14
A19, B17, C17,
D14, E11
6.3.7 Emulation and Debug
6.3.7.1 MAIN Domain
Table 6-13. Trace Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
TRC_CLK
O
Trace Clock
M25
K19
TRC_CTL
O
Trace Control
N23
L19
TRC_DATA0
O
Trace Data 0
N24
L20
TRC_DATA1
O
Trace Data 1
N25
L21
TRC_DATA2
O
Trace Data 2
P24
M21
TRC_DATA3
O
Trace Data 3
P22
L17
TRC_DATA4
O
Trace Data 4
P21
L18
TRC_DATA5
O
Trace Data 5
R23
M20
TRC_DATA6
O
Trace Data 6
P25
M19
TRC_DATA7
O
Trace Data 7
L23
K20
TRC_DATA8
O
Trace Data 8
L24
K21
TRC_DATA9
O
Trace Data 9
L25
J17
TRC_DATA10
O
Trace Data 10
M24
K17
TRC_DATA11
O
Trace Data 11
N20
K18
TRC_DATA12
O
Trace Data 12
U23
P21
TRC_DATA13
O
Trace Data 13
K25
J20
TRC_DATA14
O
Trace Data 14
M22
J19
TRC_DATA15
O
Trace Data 15
M21
J18
TRC_DATA16
O
Trace Data 16
L21
H17
TRC_DATA17
O
Trace Data 17
K22
H18
TRC_DATA18
O
Trace Data 18
K24
H19
TRC_DATA19
O
Trace Data 19
U24
P20
TRC_DATA20
O
Trace Data 20
U25
P19
TRC_DATA21
O
Trace Data 21
T24
N19
TRC_DATA22
O
Trace Data 22
T22
N17
TRC_DATA23
O
Trace Data 23
R21
N18
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com