Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AM625 Datasheet HTML 26Page - Texas Instruments AM625 Datasheet HTML 27Page - Texas Instruments AM625 Datasheet HTML 28Page - Texas Instruments AM625 Datasheet HTML 29Page - Texas Instruments AM625 Datasheet HTML 30Page - Texas Instruments AM625 Datasheet HTML 31Page - Texas Instruments AM625 Datasheet HTML 32Page - Texas Instruments AM625 Datasheet HTML 33Page - Texas Instruments AM625 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 259 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
B19
B18
MCASP0_AXR3
PADCONFIG:
PADCONFIG101
0x000F4194
MCASP0_AXR3
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI2_D0
1
IO
0
UART1_CTSn
2
I
1
UART6_RXD
3
I
1
PR0_IEP0_EDIO_DATA_IN_OUT28
4
IO
0
ECAP1_IN_APWM_OUT
5
IO
0
PR0_UART0_RXD
6
I
1
GPIO1_7
7
IO
pad
EQEP0_A
8
I
0
D1
B1
MCU_ERRORn
PADCONFIG:
MCU_PADCONFIG24
0x04084060
MCU_ERRORn
0
IO
Off / Off / Down
On / SS / Down
0
1.8 V
VDDS_OSC0
Yes
LVCMOS
PU/PD
A8
B9
MCU_I2C0_SCL
PADCONFIG:
MCU_PADCONFIG17
0x04084044
MCU_I2C0_SCL
0
IOD
1
Off / Off / NA
On / SS / NA
7
1.8 V/3.3 V
VDDSHV_MCU
Yes
I2C OD FS
MCU_GPIO0_17
7
IOD
pad
D10
A10
MCU_I2C0_SDA
PADCONFIG:
MCU_PADCONFIG18
0x04084048
MCU_I2C0_SDA
0
IOD
1
Off / Off / NA
On / SS / NA
7
1.8 V/3.3 V
VDDSHV_MCU
Yes
I2C OD FS
MCU_GPIO0_18
7
IOD
pad
B3
C4
MCU_MCAN0_RX
PADCONFIG:
MCU_PADCONFIG14
0x04084038
MCU_MCAN0_RX
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
MCU_TIMER_IO0
1
IO
0
MCU_SPI1_CS3
2
IO
1
MCU_GPIO0_14
7
IO
pad
D6
C5
MCU_MCAN0_TX
PADCONFIG:
MCU_PADCONFIG13
0x04084034
MCU_MCAN0_TX
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
WKUP_TIMER_IO0
1
IO
0
MCU_SPI0_CS3
2
IO
1
MCU_GPIO0_13
7
IO
pad
D4
D6
MCU_MCAN1_RX
PADCONFIG:
MCU_PADCONFIG16
0x04084040
MCU_MCAN1_RX
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
MCU_TIMER_IO3
1
IO
0
MCU_SPI0_CS2
2
IO
1
MCU_SPI1_CS2
3
IO
1
MCU_SPI1_CLK
4
IO
0
MCU_GPIO0_16
7
IO
pad
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com