Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 47 Page - Texas Instruments

Back Button AM625 Datasheet HTML 43Page - Texas Instruments AM625 Datasheet HTML 44Page - Texas Instruments AM625 Datasheet HTML 45Page - Texas Instruments AM625 Datasheet HTML 46Page - Texas Instruments AM625 Datasheet HTML 47Page - Texas Instruments AM625 Datasheet HTML 48Page - Texas Instruments AM625 Datasheet HTML 49Page - Texas Instruments AM625 Datasheet HTML 50Page - Texas Instruments AM625 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 259 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
AB24
W21
VOUT0_HSYNC
PADCONFIG:
PADCONFIG62
0x000F40F8
VOUT0_HSYNC
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A16
1
OZ
PR0_PRU1_GPO15
2
O
PR0_PRU1_GPI15
3
I
0
UART3_RTSn
4
O
PR0_PRU0_GPO6
5
IO
0
PR0_PRU0_GPI6
6
I
0
GPIO0_61
7
IO
pad
AC24
U17
VOUT0_PCLK
PADCONFIG:
PADCONFIG65
0x000F4104
VOUT0_PCLK
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A19
1
OZ
PR0_PRU1_GPO19
2
O
PR0_PRU1_GPI19
3
I
0
UART2_CTSn
4
I
1
PR0_PRU0_GPO19
5
IO
0
PR0_PRU0_GPI19
6
I
0
GPIO0_64
7
IO
pad
PR0_ECAP0_IN_APWM_OUT
8
IO
0
AC25
T16
VOUT0_VSYNC
PADCONFIG:
PADCONFIG64
0x000F4100
VOUT0_VSYNC
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A18
1
OZ
PR0_PRU1_GPO18
2
O
PR0_PRU1_GPI18
3
I
0
UART2_RTSn
4
O
PR0_PRU0_GPO18
5
IO
0
PR0_PRU0_GPI18
6
I
0
GPIO0_63
7
IO
pad
U22
R21
VOUT0_DATA0
PADCONFIG:
PADCONFIG46
0x000F40B8
VOUT0_DATA0
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A0
1
OZ
PR0_PRU1_GPO0
2
O
PR0_PRU1_GPI0
3
I
0
UART2_RXD
4
I
1
PR0_PRU0_GPO8
5
IO
0
PR0_PRU0_GPI8
6
I
0
GPIO0_45
7
IO
pad
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com