Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AM625 Datasheet HTML 9Page - Texas Instruments AM625 Datasheet HTML 10Page - Texas Instruments AM625 Datasheet HTML 11Page - Texas Instruments AM625 Datasheet HTML 12Page - Texas Instruments AM625 Datasheet HTML 13Page - Texas Instruments AM625 Datasheet HTML 14Page - Texas Instruments AM625 Datasheet HTML 15Page - Texas Instruments AM625 Datasheet HTML 16Page - Texas Instruments AM625 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 259 page
background image
6.2 Pin Attributes
The following list describes the contents of each column in Table 6-1, Pin Attributes (ALW, AMC Packages):
1. BALL NUMBER: Ball numbers assigned to each terminal of the Ball Grid Array package.
 
2. BALL NAME: Ball name assigned to each terminal of the Ball Grid Array package (this name is typically
taken from the primary MUXMODE 0 signal function).
 
3. SIGNAL NAME: Signal name(s) of all dedicated and pin multiplexed signal functions associated with a ball.
Note
Many device pins support multiple signal functions. Some signal functions are selected via a
single layer of multiplexers associated with pins. Other signal functions are selected via two or
more layers of multiplexers, where one layer is associated with the pins and other layers are
associated with peripheral logic functions.
Table 6-1, Pin Attributes (ALW, AMC Packages) only defines signal multiplexing at the pins. For
more information, related to signal multiplexing at the pins, see the Pad Configuration Registers
section in the Device Configuration chapter of the device TRM. For information associated with
peripheral signal multiplexing, see the respective peripheral chapter in the device TRM.
4. MUX MODE: The MUXMODE value associated with each pin multiplexed signal function:
a. MUXMODE 0 is the primary pin multiplexed signal function. However, the primary pin multiplexed signal
function is not necessarily the default pin multiplexed signal function.
Note
The value found in the MUX MODE AFTER RESET column defines the default pin
multiplexed signal function selected when MCU_PORz is deasserted.
b. MUXMODE values 1 through 15 are possible for pin multiplexed signal functions. However, not all
MUXMODE values have been implemented. The only valid MUXMODE values are those defined as pin
multiplexed signal functions within the Pin Attributes table. Only valid values of MUXMODE should be
used.
c. Bootstrap defines SOC configuration pins, where the logic state applied to each pin is latched on the
rising edge of PORz_OUT. These input signal functions are fixed to their respective pins and are not
programmable via MUXMODE.
d. An empty box means Not Applicable.
Note
The following configurations of MUXMODE must be avoided for proper device operation.
• Configuring multiple pins operating as inputs to the same pin multiplexed signal function is not
supported as it can yield unexpected results.
• Configuring a pin to an undefined pin multiplexing mode will cause the pin behavior to be
undefined.
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com