Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 1 Page - Texas Instruments

  AM625 Datasheet HTML 1Page - Texas Instruments AM625 Datasheet HTML 2Page - Texas Instruments AM625 Datasheet HTML 3Page - Texas Instruments AM625 Datasheet HTML 4Page - Texas Instruments AM625 Datasheet HTML 5Page - Texas Instruments AM625 Datasheet HTML 6Page - Texas Instruments AM625 Datasheet HTML 7Page - Texas Instruments AM625 Datasheet HTML 8Page - Texas Instruments AM625 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 259 page
background image
AM62x Sitara™ Processors
1 Features
Processor Cores:
• Up to Quad 64-bit Arm® Cortex®-A53
microprocessor subsystem at up to 1.4 GHz
– Quad-core Cortex-A53 cluster with 512KB L2
shared cache with SECDED ECC
– Each A53 Core has 32KB L1 DCache with
SECDED ECC and 32KB L1 ICache with Parity
protection
• Single-core Arm® Cortex®-M4F MCU at up to 400
MHz
– 256KB SRAM with SECDED ECC
• Dedicated Device/Power Manager
Multimedia:
• Display subsystem
– Dual display support
– 1920x1080 @ 60fps for each display
– 1x 2048x1080 + 1x 1280x720
– Up to 165 MHz pixel clock support with
Independent PLL for each display
– OLDI (4 lanes LVDS - 2x) and DPI (24-bit RGB
LVCMOS)
– Support safety feature such as freeze frame
detection and MISR data check
• 3D Graphics Processing Unit
– 1 pixel per clock or higher
– Fillrate greater than 500 Mpixels/sec
– >500 MTexels/s, >8 GFLOPs
– Supports at least 2 composition layers
– Supports up to 2048x1080 @60fps
– Supports ARGB32, RGB565 and YUV formats
– 2D graphics capable
– OpenGL ES 3.1, Vulkan 1.2
• One Camera Serial interface (CSI-Rx) - 4 Lane
with DPHY
– MIPI® CSI-2 v1.3 Compliant + MIPI D-PHY 1.2
– Support for 1,2,3 or 4 data lane mode up to
1.5Gbps
– ECC verification/correction with CRC check +
ECC on RAM
– Virtual Channel support (up to 16)
– Ability to write stream data directly to DDR via
DMA
Memory Subsystem:
• Up to 816KB of On-chip RAM
– 64KB of On-chip RAM (OCSRAM) with
SECDED ECC , Can be divided into smaller
banks in increments of 32KB for as many as 2
separate memory banks
– 256KB of On-chip RAM with SECDED ECC in
SMS Subsystem
– 176KB of On-chip RAM with SECDED ECC in
SMS Subsystem for TI security firmware
– 256KB of On-chip RAM with SECDED ECC in
Cortex-M4F MCU subsystem
– 64KB of On-chip RAM with SECDED ECC in
Device/Power Manager Subsystem
• DDR Subsystem (DDRSS)
– Supports LPDDR4, DDR4 memory types
– 16-Bit data bus with inline ECC
– Supports speeds up to 1600 MT/s
– Max addressable range
• 8GBytes with DDR4
• 4GBytes with LPDDR4
Functional Safety:
• Functional Safety-Compliant targeted [Industrial]
– Developed for functional safety applications
– Documentation will be available to aid IEC
61508 functional safety system design
– Systematic capability up to SIL 3 targeted
– Hardware Integrity up to SIL 2 targeted
– Safety-related certification
• IEC 61508 by TUV SUD planned
• Functional Safety-Compliant targeted [Automotive]
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262 functional safety system design
– Systematic capability up to ASIL D targeted
– Hardware integrity up to ASIL B targeted
– Safety-related certification
• ISO 26262 by TUV SUD planned
• AEC - Q100 qualified
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AM625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM625 TI-AM625 Datasheet
5Mb / 235P
AM62x Sitara??Processors
JUNE 2022
AM625 TI-AM625 Datasheet
5Mb / 235P
AM62x Sitara??Processors
JUNE 2022
AM625 TI-AM625 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI-AM625 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI-AM625 Datasheet
4Mb / 256P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
More results

Similar Description - AM625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM625 TI-AM625 Datasheet
5Mb / 235P
AM62x Sitara??Processors
JUNE 2022
AM625 TI-AM625_V01 Datasheet
5Mb / 235P
AM62x Sitara??Processors
JUNE 2022
AM6442 TI-AM6442_V02 Datasheet
5Mb / 244P
AM64x Sitara™ Processors
REVISED JULY 2022
AM6442 TI-AM6442_V03 Datasheet
6Mb / 260P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
AM625 TI-AM625_V02 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI-AM625_V03 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM62A7 TI-AM62A7 Datasheet
4Mb / 218P
AM62Ax Sitara™ Processors
MARCH 2023
AM625 TI-AM625_V04 Datasheet
4Mb / 256P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM62A7 TI1-AM62A7_V01 Datasheet
4Mb / 238P
AM62Ax Sitara™ Processors
REVISED AUGUST 2023
AM6442 TI1-AM6442_V04 Datasheet
6Mb / 263P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com