Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 97 Page - Texas Instruments

Back Button AM625 Datasheet HTML 93Page - Texas Instruments AM625 Datasheet HTML 94Page - Texas Instruments AM625 Datasheet HTML 95Page - Texas Instruments AM625 Datasheet HTML 96Page - Texas Instruments AM625 Datasheet HTML 97Page - Texas Instruments AM625 Datasheet HTML 98Page - Texas Instruments AM625 Datasheet HTML 99Page - Texas Instruments AM625 Datasheet HTML 100Page - Texas Instruments AM625 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 259 page
background image
7.8.6 LVCMOS Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.8-V MODE
VIL
Input Low Voltage
0.35 × VDD(1)
V
VILSS
Input Low Voltage Steady State
0.3 × VDD(1)
V
VIH
Input High Voltage
0.65 × VDD(1)
V
VIHSS
Input High Voltage Steady State
0.85 × VDD(1)
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0.0 V
±10
µA
RPU
Pull-up Resistor
15
22
30
kΩ
RPD
Pull-down Resistor
15
22
30
kΩ
VOL
Output Low Voltage
0.45
V
VOH
Output High Voltage
VDD(1) - 0.45
V
IOL (2)
Low Level Output Current
VOL(MAX)
3
mA
IOH (2)
High Level Output Current
VOH(MIN)
3
mA
SRI (4)
Input Slew Rate
18f(3)
or
1.8E+6
V/s
3.3-V MODE
VIL
Input Low Voltage
0.8
V
VILSS
Input Low Voltage Steady State
0.6
V
VIH
Input High Voltage
2.0
V
VIHSS
Input High Voltage Steady State
2.0
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current.
VI = 3.3 V
or
VI = 0.0 V
±10
µA
RPU
Pull-up Resistor
15
22
30
kΩ
RPD
Pull-down Resistor
15
22
30
kΩ
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IOL (2)
Low Level Output Current
VOL(MAX)
5
mA
IOH (2)
High Level Output Current
VOH(MIN)
9
mA
SRI (4)
Input Slew Rate
33f(3)
or
3.3E+6
V/s
(1)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball(s), see
POWER column of the Pin Attributes table.
(2)
The IOL and IOH parameters define the minimum Low Level Output Current and High Level Output Current for which the device is
able to maintain the specified VOL and VOH values. Values defined by these parameters should be considered the maximum current
available to a system implementation which needs to maintain the specified VOL and VOH values for attached components.
(3)
f = toggle frequency of the input signal in Hz.
(4)
This MIN parameter only applies to input signal functions which are not defined in their respective Timing and Switching
Characteristics sections. Select the MIN parameter which results in the largest value.
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com