Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 68 Page - Texas Instruments

Back Button AM625 Datasheet HTML 64Page - Texas Instruments AM625 Datasheet HTML 65Page - Texas Instruments AM625 Datasheet HTML 66Page - Texas Instruments AM625 Datasheet HTML 67Page - Texas Instruments AM625 Datasheet HTML 68Page - Texas Instruments AM625 Datasheet HTML 69Page - Texas Instruments AM625 Datasheet HTML 70Page - Texas Instruments AM625 Datasheet HTML 71Page - Texas Instruments AM625 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 259 page
background image
Table 6-25. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
GPMC0_CSn0
O
GPMC Chip Select 0 (active low)
M21
J18
GPMC0_CSn1
O
GPMC Chip Select 1 (active low)
L21
H17
GPMC0_CSn2
O
GPMC Chip Select 2 (active low)
K22
H18
GPMC0_CSn3
O
GPMC Chip Select 3 (active low)
K24
H19
GPMC0_WAIT0
I
GPMC External Indication of Wait
U23
P21
GPMC0_WAIT1
I
GPMC External Indication of Wait
V25
P17
6.3.12 I2C
6.3.12.1 MAIN Domain
Table 6-26. I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
I2C0_SCL
IOD
I2C Clock
B16
E12
I2C0_SDA
IOD
I2C Data
A16
D14
Table 6-27. I2C1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
I2C1_SCL
IOD
I2C Clock
B17
A17
I2C1_SDA
IOD
I2C Data
A17
A16
Table 6-28. I2C2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
I2C2_SCL
IOD
I2C Clock
K22
H18
I2C2_SDA
IOD
I2C Data
K24
H19
Table 6-29. I2C3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
I2C3_SCL
IOD
I2C Clock
A15, AB1
B14, Y1
I2C3_SDA
IOD
I2C Data
B15, Y3
C13, V3
6.3.12.2 MCU Domain
Table 6-30. MCU_I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCU_I2C0_SCL
IOD
I2C Clock
A8
B9
MCU_I2C0_SDA
IOD
I2C Data
D10
A10
6.3.12.3 WKUP Domain
Table 6-31. WKUP_I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
WKUP_I2C0_SCL
IOD
I2C Clock
B9
E9
WKUP_I2C0_SDA
IOD
I2C Data
A9
A9
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
68
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com