Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AM625 Datasheet HTML 42Page - Texas Instruments AM625 Datasheet HTML 43Page - Texas Instruments AM625 Datasheet HTML 44Page - Texas Instruments AM625 Datasheet HTML 45Page - Texas Instruments AM625 Datasheet HTML 46Page - Texas Instruments AM625 Datasheet HTML 47Page - Texas Instruments AM625 Datasheet HTML 48Page - Texas Instruments AM625 Datasheet HTML 49Page - Texas Instruments AM625 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 259 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
G16
F16
VDDA_TEMP1
VDDA_TEMP1
PWR
J12, K16,
N12, N14,
P16, R12,
T10, U14
H11, M10,
M13
VDDR_CORE
VDDR_CORE
PWR
F15, G14
F12, G13
VDDSHV0
VDDSHV0
PWR
L18, M19
K15, K16
VDDSHV1
VDDSHV1
PWR
W16, W19
R14, R15
VDDSHV2
VDDSHV2
PWR
N18, P18,
T19, U18
N15, N16
VDDSHV3
VDDSHV3
PWR
T7
N7, P7
VDDSHV4
VDDSHV4
PWR
G17
F14, G14
VDDSHV5
VDDSHV5
PWR
J18
H15, H16
VDDSHV6
VDDSHV6
PWR
H9
G7, H7
VDDSHV_CANUART
VDDSHV_CANUART
PWR
F11, G12
F10, G10
VDDSHV_MCU
VDDSHV_MCU
PWR
K9, L8, P9,
R8
C1, J8, K7,
K9, L8, U1
VDDS_DDR
VDDS_DDR
PWR
M9
L7
VDDS_DDR_C
VDDS_DDR_C
PWR
G7
J7
VDDS_OSC0
VDDS_OSC0
PWR
F8
H8
VDD_CANUART
VDD_CANUART
PWR
H8, J11,
J14, K17,
L12, L15,
M16, N11,
N13, N8,
P17, R11,
R14, U12,
V15, V17,
V8
H12, H14,
J11, J13,
J9, K10,
K14, L11,
L13, M12,
M14, M8,
N11, N13,
N9, P8
VDD_CORE
VDD_CORE
PWR
G10
H9
VMON_1P8_SOC
VMON_1P8_SOC
A
K10
K11
VMON_3P3_SOC
VMON_3P3_SOC
A
H10
F6
VMON_VSYS
VMON_VSYS
A
Y20
T17
VOUT0_DE
PADCONFIG:
PADCONFIG63
0x000F40FC
VOUT0_DE
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A17
1
OZ
PR0_PRU1_GPO17
2
O
PR0_PRU1_GPI17
3
I
0
UART3_CTSn
4
I
1
PR0_PRU0_GPO7
5
IO
0
PR0_PRU0_GPI7
6
I
0
GPIO0_62
7
IO
pad
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com