Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM625 Datasheet HTML 28Page - Texas Instruments AM625 Datasheet HTML 29Page - Texas Instruments AM625 Datasheet HTML 30Page - Texas Instruments AM625 Datasheet HTML 31Page - Texas Instruments AM625 Datasheet HTML 32Page - Texas Instruments AM625 Datasheet HTML 33Page - Texas Instruments AM625 Datasheet HTML 34Page - Texas Instruments AM625 Datasheet HTML 35Page - Texas Instruments AM625 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 259 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
A6
B8
MCU_UART0_CTSn
PADCONFIG:
MCU_PADCONFIG7
0x0408401C
MCU_UART0_CTSn
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
MCU_TIMER_IO0
1
IO
0
MCU_SPI1_D0
3
IO
0
MCU_GPIO0_7
7
IO
pad
B6
D7
MCU_UART0_RTSn
PADCONFIG:
MCU_PADCONFIG8
0x04084020
MCU_UART0_RTSn
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
MCU_TIMER_IO1
1
IO
0
MCU_SPI1_D1
3
IO
0
MCU_GPIO0_8
7
IO
pad
B5
A8
MCU_UART0_RXD
PADCONFIG:
MCU_PADCONFIG5
0x04084014
MCU_UART0_RXD
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
MCU_GPIO0_5
7
IO
pad
A5
B6
MCU_UART0_TXD
PADCONFIG:
MCU_PADCONFIG6
0x04084018
MCU_UART0_TXD
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
MCU_GPIO0_6
7
IO
pad
AD24
V17
MDIO0_MDC
PADCONFIG:
PADCONFIG88
0x000F4160
MDIO0_MDC
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
GPIO0_86
7
IO
pad
AB22
U16
MDIO0_MDIO
PADCONFIG:
PADCONFIG87
0x000F415C
MDIO0_MDIO
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
GPIO0_85
7
IO
pad
AB1
Y1
MMC0_CLK
PADCONFIG:
PADCONFIG134
0x000F4218
MMC0_CLK
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV4
Yes
SDIO
PU/PD
I2C3_SCL
1
IOD
1
EHRPWM2_A
2
IO
0
PR0_PRU1_GPO4
3
O
PR0_PRU1_GPI4
4
I
0
SPI1_CS1
5
IO
1
TIMER_IO4
6
IO
0
GPIO1_40
7
IO
pad
Y3
V3
MMC0_CMD
PADCONFIG:
PADCONFIG136
0x000F4220
MMC0_CMD
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV4
Yes
SDIO
PU/PD
I2C3_SDA
1
IOD
1
EHRPWM2_B
2
IO
0
PR0_PRU0_GPO4
3
IO
0
PR0_PRU0_GPI4
4
I
0
SPI1_CS2
5
IO
1
TIMER_IO5
6
IO
0
GPIO1_41
7
IO
pad
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com