Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AM625 Datasheet HTML 5Page - Texas Instruments AM625 Datasheet HTML 6Page - Texas Instruments AM625 Datasheet HTML 7Page - Texas Instruments AM625 Datasheet HTML 8Page - Texas Instruments AM625 Datasheet HTML 9Page - Texas Instruments AM625 Datasheet HTML 10Page - Texas Instruments AM625 Datasheet HTML 11Page - Texas Instruments AM625 Datasheet HTML 12Page - Texas Instruments AM625 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 259 page
background image
5 Device Comparison
Table 5-1 shows a comparison between devices, highlighting the differences.
Note
Availability of features listed in this table are a function of shared IO pins, where IO signals associated
with many of the features are multiplexed to a limited number of pins. The SysConfig tool should
be used to assign signal functions to pins. This will provide a better understanding of limitations
associated with pin multiplexing.
Note
To understand what device features are currently supported by TI Software Development Kits
(SDKs), search for the AM62x Software Build Sheet located in the Downloads tab option provided
at Processor-SDK-AM62x.
Table 5-1. Device Comparison
FEATURES
REFERENCE
NAME
AM625, AM625-Q1
AM623
AM620-Q1
AM6254
AM6252
AM6251
AM6234
AM6232
AM6231
AM6204 AM6202 AM6201
WKUP_MMR0_JTAG_USER_ID[31:13](1)
Register bit values by device "Features" code (See Device Naming Convention for more information on device features)
C:
0x1D123
0x1D0A3
–
0x1D103
0x1D083
 –
–
–
–
G:
0x1D127
0x1D0A7
0x1D067
0x1D107
0x1D087
0x1D047
0x1D307 0x1D287 0x1D247
PROCESSORS AND ACCELERATORS
Speed Grades (See Device Speed Grades)
T, S, K, G
Arm Cortex-A53
Microprocessor Subsystem
Arm A53
Quad
Core
Dual
Core
Single
Core
Quad
Core
Dual
Core
Single
Core
Quad
Core
Dual
Core
Single
Core
Arm Cortex-M4F
in MCU domain
Arm M4F
Single Core
Functional Safety Optional(5)
3D Graphics Engine
(OpenGL ES 3.1, Vulkan 1.2)
3D Graphics
engine
Yes
Yes
Yes
No
No
No
No
No
No
Device Management
Subsystem
WKUP_R5F
Single core
Crypto Accelerators
Security
Yes
PROGRAM AND DATA STORAGE
On-Chip Shared Memory
(RAM) in MAIN Domain
OCSRAM
64KB (with SECDED ECC)
On-Chip Shared Memory
(RAM) in M4F Domain
MCU_MSRAM
256KB
DDR4/LPDDR4 DDR
Subsystem
DDRSS
16-bit data with inline ECC; up to 8GB using DDR4 or 4GB using LPDDR4
General-Purpose Memory
Controller
GPMC
Up to 1GB with ECC
PERIPHERALS
Display Subsystem
DSS
1x DPI
No
1x LVDS
No
Modular Controller Area
Network Interface with Full
CAN-FD Support
MCAN
3
General-Purpose I/O
GPIO
Up to 170
Inter-Integrated Circuit
Interface
I2C
6
Multichannel Audio Serial Port
MCASP
3
Multichannel Serial Peripheral
Interface
MCSPI
5
Multi-Media Card/ Secure
Digital Interface
MM/CSD
1x eMMC (8-bits)
2x SD/SDIO (4-bits)
Flash Subsystem (FSS)(2)
OSPI0/QSPI0
Yes(2)
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com