Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 95 Page - Texas Instruments

Back Button AM625 Datasheet HTML 91Page - Texas Instruments AM625 Datasheet HTML 92Page - Texas Instruments AM625 Datasheet HTML 93Page - Texas Instruments AM625 Datasheet HTML 94Page - Texas Instruments AM625 Datasheet HTML 95Page - Texas Instruments AM625 Datasheet HTML 96Page - Texas Instruments AM625 Datasheet HTML 97Page - Texas Instruments AM625 Datasheet HTML 98Page - Texas Instruments AM625 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 259 page
background image
7.8.2 Fail-Safe Reset (FS RESET) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input Low Voltage
0.3 ×
VDDS_OSC0
V
VILSS
Input Low Voltage Steady State
0.3 ×
VDDS_OSC0
V
VIH
Input High Voltage
0.7 ×
VDDS_OSC0
V
VIHSS
Input High Voltage Steady State
0.7 ×
VDDS_OSC0
V
VHYS
Input Hysteresis Voltage
200
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0 V
±10
µA
SRI (2)
Input Slew Rate
18f(1)
or
1.8E+6
V/s
(1)
f = toggle frequency of the input signal in Hz.
(2)
This MIN parameter only applies to input signal functions which are not defined in their respective Timing and Switching
Characteristics sections. Select the MIN parameter which results in the largest value.
7.8.3 High-Frequency Oscillator (HFOSC) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input Low Voltage
0.35 ×
VDDS_OSC0
V
VIH
Input High Voltage
0.65 ×
VDDS_OSC0
V
VHYS
Input Hysteresis Voltage
49
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0.0 V
±10
µA
7.8.4 Low-Frequency Oscillator (LFXOSC) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input Low Voltage
0.30 ×
VDDS_OSC0
V
VIH
Input High Voltage
0.70 ×
VDDS_OSC0
V
VHYS
Input Hysteresis Voltage
Active Mode
85
mV
Bypass Mode
324
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0.0 V
±10
µA
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com