Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 62 Page - Texas Instruments

Back Button AM625 Datasheet HTML 58Page - Texas Instruments AM625 Datasheet HTML 59Page - Texas Instruments AM625 Datasheet HTML 60Page - Texas Instruments AM625 Datasheet HTML 61Page - Texas Instruments AM625 Datasheet HTML 62Page - Texas Instruments AM625 Datasheet HTML 63Page - Texas Instruments AM625 Datasheet HTML 64Page - Texas Instruments AM625 Datasheet HTML 65Page - Texas Instruments AM625 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 259 page
background image
Table 6-22. GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
GPIO0_14 (1)
IO
General Purpose Input/Output
E24
E18
GPIO0_15
IO
General Purpose Input/Output
M25
K19
GPIO0_16
IO
General Purpose Input/Output
N23
L19
GPIO0_17
IO
General Purpose Input/Output
N24
L20
GPIO0_18
IO
General Purpose Input/Output
N25
L21
GPIO0_19
IO
General Purpose Input/Output
P24
M21
GPIO0_20
IO
General Purpose Input/Output
P22
L17
GPIO0_21
IO
General Purpose Input/Output
P21
L18
GPIO0_22
IO
General Purpose Input/Output
R23
M20
GPIO0_23
IO
General Purpose Input/Output
R24
N20
GPIO0_24
IO
General Purpose Input/Output
R25
N21
GPIO0_25
IO
General Purpose Input/Output
T25
M17
GPIO0_26
IO
General Purpose Input/Output
R21
N18
GPIO0_27
IO
General Purpose Input/Output
T22
N17
GPIO0_28
IO
General Purpose Input/Output
T24
N19
GPIO0_29
IO
General Purpose Input/Output
U25
P19
GPIO0_30
IO
General Purpose Input/Output
U24
P20
GPIO0_31
IO
General Purpose Input/Output
P25
M19
GPIO0_32
IO
General Purpose Input/Output
L23
K20
GPIO0_33
IO
General Purpose Input/Output
L24
K21
GPIO0_34
IO
General Purpose Input/Output
L25
J17
GPIO0_35
IO
General Purpose Input/Output
M24
K17
GPIO0_36
IO
General Purpose Input/Output
N20
K18
GPIO0_37
IO
General Purpose Input/Output
U23
P21
GPIO0_38
IO
General Purpose Input/Output
V25
P17
GPIO0_39
IO
General Purpose Input/Output
K25
J20
GPIO0_40
IO
General Purpose Input/Output
M22
J19
GPIO0_41
IO
General Purpose Input/Output
M21
J18
GPIO0_42
IO
General Purpose Input/Output
L21
H17
GPIO0_43 (1)
IO
General Purpose Input/Output
K22
H18
GPIO0_44 (1)
IO
General Purpose Input/Output
K24
H19
GPIO0_45
IO
General Purpose Input/Output
U22
R21
GPIO0_46
IO
General Purpose Input/Output
V24
P18
GPIO0_47
IO
General Purpose Input/Output
W25
R18
GPIO0_48
IO
General Purpose Input/Output
W24
R19
GPIO0_49
IO
General Purpose Input/Output
Y25
R20
GPIO0_50
IO
General Purpose Input/Output
Y24
T20
GPIO0_51
IO
General Purpose Input/Output
Y23
T21
GPIO0_52
IO
General Purpose Input/Output
AA25
T19
GPIO0_53
IO
General Purpose Input/Output
V21
U21
GPIO0_54
IO
General Purpose Input/Output
W21
R17
GPIO0_55
IO
General Purpose Input/Output
V20
T18
GPIO0_56
IO
General Purpose Input/Output
AA23
U20
GPIO0_57
IO
General Purpose Input/Output
AB25
U19
GPIO0_58
IO
General Purpose Input/Output
AA24
V21
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
62
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com