Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 72 Page - Texas Instruments

Back Button AM625 Datasheet HTML 68Page - Texas Instruments AM625 Datasheet HTML 69Page - Texas Instruments AM625 Datasheet HTML 70Page - Texas Instruments AM625 Datasheet HTML 71Page - Texas Instruments AM625 Datasheet HTML 72Page - Texas Instruments AM625 Datasheet HTML 73Page - Texas Instruments AM625 Datasheet HTML 74Page - Texas Instruments AM625 Datasheet HTML 75Page - Texas Instruments AM625 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 259 page
background image
Table 6-44. MMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MMC0_DAT3
IO
MMC/SD/SDIO Data
Y4
W1
MMC0_DAT4
IO
MMC/SD/SDIO Data
AB2
Y2
MMC0_DAT5
IO
MMC/SD/SDIO Data
AC1
W3
MMC0_DAT6
IO
MMC/SD/SDIO Data
AD2
W4
MMC0_DAT7
IO
MMC/SD/SDIO Data
AC2
V4
(1)
For MMC0_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG135 register must remain in its default state
of 0x1 because of retiming purposes.
Table 6-45. MMC1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MMC1_CLK (1)
IO
MMC/SD/SDIO Clock
B22
A20
MMC1_CMD
IO
MMC/SD/SDIO Command
A21
C18
MMC1_SDCD
I
SD Card Detect
D17
C15
MMC1_SDWP
I
SD Write Protect
C17
B15
MMC1_DAT0
IO
MMC/SD/SDIO Data
A22
A19
MMC1_DAT1
IO
MMC/SD/SDIO Data
B21
B19
MMC1_DAT2
IO
MMC/SD/SDIO Data
C21
B20
MMC1_DAT3
IO
MMC/SD/SDIO Data
D22
C19
(1)
For MMC1_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG142 register must remain in its default state
of 0x1 because of retiming purposes.
Table 6-46. MMC2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MMC2_CLK (1)
IO
MMC/SD/SDIO Clock
D25
E21
MMC2_CMD
IO
MMC/SD/SDIO Command
C24
C21
MMC2_SDCD
I
SD Card Detect
A15, A23, B17 A17, B14, D20
MMC2_SDWP
I
SD Write Protect
A17, B15, B23 A16, C13, C20
MMC2_DAT0
IO
MMC/SD/SDIO Data
B24
B21
MMC2_DAT1
IO
MMC/SD/SDIO Data
C25
D21
MMC2_DAT2
IO
MMC/SD/SDIO Data
E23
E19
MMC2_DAT3
IO
MMC/SD/SDIO Data
D24
E20
(1)
For MMC2_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG71 register must remain in its default state
of 0x1 because of retiming purposes.
6.3.18 OLDI
6.3.18.1 MAIN Domain
Table 6-47. OLDI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
OLDI0_A0N
IO
OLDI Differential Data (negative)
AA5
AA2
OLDI0_A0P
IO
OLDI Differential Data (positive)
Y6
AA3
OLDI0_A1N
IO
OLDI Differential Data (negative)
AD3
V5
OLDI0_A1P
IO
OLDI Differential Data (positive)
AB4
V6
OLDI0_A2N
IO
OLDI Differential Data (negative)
Y8
U7
OLDI0_A2P
IO
OLDI Differential Data (positive)
AA8
U6
OLDI0_A3N
IO
OLDI Differential Data (negative)
AB6
W6
OLDI0_A3P
IO
OLDI Differential Data (positive)
AA7
W5
OLDI0_A4N
IO
OLDI Differential Data (negative)
AC6
AA4
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
72
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com