Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 136 Page - Texas Instruments

Back Button AM625 Datasheet HTML 132Page - Texas Instruments AM625 Datasheet HTML 133Page - Texas Instruments AM625 Datasheet HTML 134Page - Texas Instruments AM625 Datasheet HTML 135Page - Texas Instruments AM625 Datasheet HTML 136Page - Texas Instruments AM625 Datasheet HTML 137Page - Texas Instruments AM625 Datasheet HTML 138Page - Texas Instruments AM625 Datasheet HTML 139Page - Texas Instruments AM625 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 259 page
background image
7.11.5.4 DDRSS
For more details about features and additional description information on the device (LP)DDR4 Memory
Interface, see the corresponding subsections within Signal Descriptions and Detailed Description sections.
Table 7-41 and Figure 7-34 present switching characteristics for DDRSS.
Table 7-41. DDRSS Switching Characteristics
see Figure 7-34
NO.
PARAMETER
DDR TYPE
MIN
MAX
UNIT
1
tc(DDR_CKP/
DDR_CKN)
Cycle time, DDR_CKP and DDR_CKN
LPDDR4
1.25(1)
20
ns
DDR4
1.25(1)
1.6
ns
(1)
Minimum DDR clock Cycle time will be limited based on the specific memory type (vendor) used in a system and by PCB
implementation. Refer to DDR Board Design and Layout Guidelines for the proper PCB implementation to achieve maximum DDR
frequency.
DDR0_CKP
1
DDR0_CKN
Figure 7-34. DDRSS Switching Characteristics
For more information, see DDR Subsystem (DDRSS) section in Memory Controllers chapter in the device TRM.
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
136
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com